Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED2001PHR Datasheet(PDF) 10 Page - STMicroelectronics

Part # LED2001PHR
Description  4 A monolithic step-down current source with synchronous rectification
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2001PHR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LED2001PHR Datasheet HTML 6Page - STMicroelectronics LED2001PHR Datasheet HTML 7Page - STMicroelectronics LED2001PHR Datasheet HTML 8Page - STMicroelectronics LED2001PHR Datasheet HTML 9Page - STMicroelectronics LED2001PHR Datasheet HTML 10Page - STMicroelectronics LED2001PHR Datasheet HTML 11Page - STMicroelectronics LED2001PHR Datasheet HTML 12Page - STMicroelectronics LED2001PHR Datasheet HTML 13Page - STMicroelectronics LED2001PHR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Functional description
LED2001
10/42
DocID024346 Rev 1
5.1
Power supply and voltage reference
The internal regulator circuit consists of a startup circuit, an internal voltage pre-regulator,
the BandGap voltage reference and the bias block that provides current to all the blocks.
The starter supplies the startup current to the entire device when the input voltage goes high
and the device is enabled. The pre-regulator block supplies the BandGap cell with a pre-
regulated voltage that has a very low supply voltage noise sensitivity.
5.2
Voltage monitor
An internal block continuously senses the VCC, Vref and Vbg. If the monitored voltages are
good, the regulator begins operating. There is also a hysteresis on the VCC (UVLO).
Figure 4. Internal circuit
5.3
Soft-start
The startup phase is implemented ramping the reference of the embedded error amplifier in
1 ms typ. time. It minimizes the inrush current and decreases the stress of the power
components at power-up.
During normal operation a new soft-start cycle takes place in case of:
•
thermal shutdown event;
•
UVLO event.
The soft-start is disabled when DIM input goes high in order to maximize the dimming
performance.
5.4
Error amplifier
The voltage error amplifier is the core of the loop regulation. It is a transconductance
operational amplifier whose non-inverting input is connected to the internal voltage
reference (100 mV), while the inverting input (FB) is connected to the output current sensing
resistor.
The error amplifier is internally compensated to minimize the size of the final application.
STARTER
PREREGULATOR
IC BIAS
BANDGAP
VREF
VREG
Vcc
D00IN126
AM12895v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com