Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED88PIRN Datasheet(PDF) 1 Page - Timeguard

Part # LED88PIRN
Description  6.5W LED Energy Saver PIR Bulkhead Light
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LED88PIRN Datasheet(HTML) 1 Page - Timeguard

  LED88PIRN Datasheet HTML 1Page - Timeguard LED88PIRN Datasheet HTML 2Page - Timeguard LED88PIRN Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Setting Type
Approved Mounting Height (m)
Motion Detection (m)
Detection Angle
PIR Sensitivity
Wattage
Beam Angle
Energy Efficiency
LED88PIRN
6.5W LED Energy Saver PIR
Bulkhead Light
Features & Benefits
Powerful 6.5W LED energy saving bulkhead light.
Ideal for both indoor and outdoor installation.
Colour temperature: 4000K.
Dusk until Dawn mode
Simple and quick to fit with fast-fix terminal block
connection
Technical Data
230V AC
50Hz
Surface Mount
Class II
-20°C to +40°C
IP55
Dial
1.8
10
140°
No
6.5
90° x 90°
Class G
Data sheet
LED88PIRN
Light / LED Bulkheads
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - LED88PIRN

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED880-66-60 ROITHNER-LED880-66-60 Datasheet
150Kb / 2P
High Power LED Array
logo
Timeguard
LED88N TIMEGUARD-LED88N Datasheet
301Kb / 2P
6.5W LED Energy Saver Bulkhead Light
14/02/2025
More results

Similar Description - LED88PIRN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GSCC-7007BS STMICROELECTRONICS-GSCC-7007BS Datasheet
41Kb / 3P
BATTERY SAVER
GSCC-7.007BS-E
logo
List of Unclassifed Man...
M2000C ETC1-M2000C Datasheet
202Kb / 5P
PIR Light Controller for 3-Wire Applications
logo
Pericom Semiconductor C...
PT8A261 PERICOM-PT8A261 Datasheet
100Kb / 13P
PIR Sensor Light Switch Controller
PT8A2612 PERICOM-PT8A2612 Datasheet
105Kb / 12P
PIR Sensor Light Switch Controller
PT8A2621 PERICOM-PT8A2621 Datasheet
110Kb / 13P
PIR Sensor Light Switch Controller
logo
Glenair, Inc.
942-021 GLENAIR-942-021 Datasheet
225Kb / 2P
Connector Saver
logo
Pericom Semiconductor C...
PT8A2641 PERICOM-PT8A2641 Datasheet
413Kb / 13P
PIR Sensor Light Switch
logo
Mallory performance clu...
PN8984 MALLORY-PN8984 Datasheet
240Kb / 2P
Starter Saver
logo
JILIN SINO-MICROELECTRO...
3DD4163D JSMC-3DD4163D Datasheet
230Kb / 5P
Energy-saving light
logo
Renesas Technology Corp
SLG4B41337V RENESAS-SLG4B41337V Datasheet
791Kb / 13P
Battery Saver
February 25, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com