Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED88N Datasheet (PDF) - Timeguard

LED88N Datasheet PDF - Timeguard
Part # LED88N
Download  LED88N Download
File Size   301.4 Kbytes
Page   2 Pages
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard
Description 6.5W LED Energy Saver Bulkhead Light

LED88N Datasheet (PDF)

Go To PDF Page Download Datasheet
LED88N Datasheet PDF - Timeguard

Part # LED88N
Download  LED88N Click to download

File Size   301.4 Kbytes
Page   2 Pages
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard
Description 6.5W LED Energy Saver Bulkhead Light

LED88N Datasheet (HTML) - Timeguard


LED88N Product details

Features & Benefits
Powerful 6.5W LED energy saving bulkhead light
Ideal for both indoor and outdoor installation
Colour temperature: 4000K
Simple and quick to fit with fast-fix terminal block connection




Similar Part No. - LED88N

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED880-66-60 ROITHNER-LED880-66-60 Datasheet
150Kb / 2P
High Power LED Array
logo
Timeguard
LED88PIRN TIMEGUARD-LED88PIRN Datasheet
312Kb / 3P
6.5W LED Energy Saver PIR Bulkhead Light
14/02/2025
More results


Similar Description - LED88N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GSCC-7007BS STMICROELECTRONICS-GSCC-7007BS Datasheet
41Kb / 3P
BATTERY SAVER
GSCC-7.007BS-E
logo
List of Unclassifed Man...
STK011 ETC2-STK011 Datasheet
21Kb / 1P
Power amplifier 6.5W
logo
Glenair, Inc.
942-021NF25-20 GLENAIR-942-021NF25-20 Datasheet
398Kb / 2P
Connector Saver
942-003 GLENAIR-942-003 Datasheet
189Kb / 2P
Connector Saver
942-004 GLENAIR-942-004 Datasheet
194Kb / 2P
Connector Saver
942-005 GLENAIR-942-005 Datasheet
227Kb / 2P
Connector Saver
942-021 GLENAIR-942-021 Datasheet
225Kb / 2P
Connector Saver
logo
Mallory performance clu...
PN8984 MALLORY-PN8984 Datasheet
240Kb / 2P
Starter Saver
logo
JILIN SINO-MICROELECTRO...
3DD4163D JSMC-3DD4163D Datasheet
230Kb / 5P
Energy-saving light
logo
Renesas Technology Corp
SLG4B41337V RENESAS-SLG4B41337V Datasheet
791Kb / 13P
Battery Saver
February 25, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com