Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED88N Datasheet(PDF) 1 Page - Timeguard

Part # LED88N
Description  6.5W LED Energy Saver Bulkhead Light
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LED88N Datasheet(HTML) 1 Page - Timeguard

  LED88N Datasheet HTML 1Page - Timeguard LED88N Datasheet HTML 2Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Wattage
Beam Angle
Energy Efficiency
Energy Usage
Lumen Output (lm)
Luminaire Efficiency
Colour Temperature (K)
LED Type
LED88N
6.5W LED Energy Saver
Bulkhead Light
Features & Benefits
Powerful 6.5W LED energy saving bulkhead light
Ideal for both indoor and outdoor installation
Colour temperature: 4000K
Simple and quick to fit with fast-fix terminal block
connection
Technical Data
230V AC
50Hz
Surface Mount
Class II
-20°C to +40°C
IP55
6.5
90° x 90°
Class G
6.5KwH/1000H
500
77 lm/W
4000
SMD (Integrated)
Data sheet
LED88N
Light / LED Bulkheads
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - LED88N

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED880-66-60 ROITHNER-LED880-66-60 Datasheet
150Kb / 2P
High Power LED Array
logo
Timeguard
LED88PIRN TIMEGUARD-LED88PIRN Datasheet
312Kb / 3P
6.5W LED Energy Saver PIR Bulkhead Light
14/02/2025
More results

Similar Description - LED88N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GSCC-7007BS STMICROELECTRONICS-GSCC-7007BS Datasheet
41Kb / 3P
BATTERY SAVER
GSCC-7.007BS-E
logo
List of Unclassifed Man...
STK011 ETC2-STK011 Datasheet
21Kb / 1P
Power amplifier 6.5W
logo
Glenair, Inc.
942-021NF25-20 GLENAIR-942-021NF25-20 Datasheet
398Kb / 2P
Connector Saver
942-003 GLENAIR-942-003 Datasheet
189Kb / 2P
Connector Saver
942-004 GLENAIR-942-004 Datasheet
194Kb / 2P
Connector Saver
942-005 GLENAIR-942-005 Datasheet
227Kb / 2P
Connector Saver
942-021 GLENAIR-942-021 Datasheet
225Kb / 2P
Connector Saver
logo
Mallory performance clu...
PN8984 MALLORY-PN8984 Datasheet
240Kb / 2P
Starter Saver
logo
JILIN SINO-MICROELECTRO...
3DD4163D JSMC-3DD4163D Datasheet
230Kb / 5P
Energy-saving light
logo
Renesas Technology Corp
SLG4B41337V RENESAS-SLG4B41337V Datasheet
791Kb / 13P
Battery Saver
February 25, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com