Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED88N Datasheet(PDF) 2 Page - Timeguard

Part # LED88N
Description  6.5W LED Energy Saver Bulkhead Light
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LED88N Datasheet(HTML) 2 Page - Timeguard

  LED88N Datasheet HTML 1Page - Timeguard LED88N Datasheet HTML 2Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mounting Hole Centres (mm)
Multiple Unit Support
Cable Capacity (mm2)
Cable Entry(s)
Weight (g)
Height (mm)
Width (mm)
Depth (mm)
Body Construction
Product Colour
Accessories (Included)
EAN Number
Guarantee Period
Trade Tariff Commodity Code
60
Yes
2.5mm²
Back Entry
General
300
205
108
63.5
Polycarbonate
Black
Fittings
5012483015094
3 Years
9405114090
Line Diagrams
Data sheet
LED88N
Light / LED Bulkheads
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com