Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDBHO25WPIR Datasheet(PDF) 2 Page - Timeguard

Part # LEDBHO25WPIR
Description  25W - 2000lm LED Energy Saver PIR Buhead Light
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDBHO25WPIR Datasheet(HTML) 2 Page - Timeguard

  LEDBHO25WPIR Datasheet HTML 1Page - Timeguard LEDBHO25WPIR Datasheet HTML 2Page - Timeguard LEDBHO25WPIR Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wattage
Beam Angle
Energy Efficiency
Energy Usage
Lumen Output (lm)
Luminaire Efficiency
Colour Temperature (K)
LED Type
Mounting Hole Centres (mm)
Standby Consumption
Shortest Switching Time
ON Time Adjustment
LUX Level
Detection Range (m)
Permanent ON Facility
Cable Entry(s)
Weight (g)
Height (mm)
Width (mm)
Depth (mm)
Body Construction
Product Colour
Accessories (Included)
EAN Number
Guarantee Period
25
120°
Class F
25KwH/1000H
2000
80 lm/W
5000
Integrated Panel
220
<0.5W
10 Seconds
10 Seconds - 5 Minutes
10 - 2000
6
Yes (Pulse Manual Override)
Back Entry, Side Entry (Lip In Housing)
General
658
270
165
86
Polycarbonate (Front Cover), Aluminium (Body)
Aluminium
Rawl Plugs, Screws
5012483015957
3 Years
Data sheet
LEDBHO25WPIR
Light / LED Bulkheads
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com