Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDBHO25WPIR Datasheet(PDF) 1 Page - Timeguard

Part # LEDBHO25WPIR
Description  25W - 2000lm LED Energy Saver PIR Buhead Light
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDBHO25WPIR Datasheet(HTML) 1 Page - Timeguard

  LEDBHO25WPIR Datasheet HTML 1Page - Timeguard LEDBHO25WPIR Datasheet HTML 2Page - Timeguard LEDBHO25WPIR Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Setting Type
Approved Mounting Height (m)
Motion Detection (m)
Detection Angle
PIR Sensitivity
LEDBHO25WPIR
25W - 2000lm LED Energy
Saver PIR Buhead Light
(Oval)
Features & Benefits
Ovel LED Bulkhead Light with PIR.
A powerful and energy saving alternative to
standard bulkhead lights
Wide light diffusion pattern.
Robust die cast housing with tough polycarbonate
lens suitable for industrial, commercial and home
installations.
IP65 weatherproof rating.
LED Panel life expectancy 10 years.
PIR Time, LUX & Sensitivity control.
Technical Data
230V AC
50Hz
Surface Mount
Class I
0°C to 40°C
IP65
Dial
3
6
100°
Adjustable (Alters Detection Distance) 0.5m - 6m
Data sheet
LEDBHO25WPIR
Light / LED Bulkheads
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - LEDBHO25WPIR

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDBHO25W TIMEGUARD-LEDBHO25W Datasheet
433Kb / 3P
25W – 2000lm LED Energy Saver Bulkhead Light – Oval
14/02/2025
More results

Similar Description - LEDBHO25WPIR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2000C ETC1-M2000C Datasheet
202Kb / 5P
PIR Light Controller for 3-Wire Applications
logo
Pericom Semiconductor C...
PT8A261 PERICOM-PT8A261 Datasheet
100Kb / 13P
PIR Sensor Light Switch Controller
PT8A2612 PERICOM-PT8A2612 Datasheet
105Kb / 12P
PIR Sensor Light Switch Controller
PT8A2621 PERICOM-PT8A2621 Datasheet
110Kb / 13P
PIR Sensor Light Switch Controller
logo
Glenair, Inc.
942-021 GLENAIR-942-021 Datasheet
225Kb / 2P
Connector Saver
logo
Pericom Semiconductor C...
PT8A2641 PERICOM-PT8A2641 Datasheet
413Kb / 13P
PIR Sensor Light Switch
logo
Mallory performance clu...
PN8984 MALLORY-PN8984 Datasheet
240Kb / 2P
Starter Saver
logo
JILIN SINO-MICROELECTRO...
3DD4163D JSMC-3DD4163D Datasheet
230Kb / 5P
Energy-saving light
logo
Quelighting Corp
FIN-RBW-50 QUELIGHTING-FIN-RBW-50 Datasheet
651Kb / 1P
Grow LED Light - Ultra thin for Container farming : 25W or 50W
logo
Renesas Technology Corp
SLG4B41337V RENESAS-SLG4B41337V Datasheet
791Kb / 13P
Battery Saver
February 25, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com