Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDMR10WH3K Datasheet(PDF) 2 Page - Timeguard

Part # LEDMR10WH3K
Description  10W Slimline LED Energy Saver IP44 Round Wall/Ceiling Light – White
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDMR10WH3K Datasheet(HTML) 2 Page - Timeguard

  LEDMR10WH3K Datasheet HTML 1Page - Timeguard LEDMR10WH3K Datasheet HTML 2Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mounting Hole Centres (mm)
Multiple Unit Support
Cable Entry(s)
Weight (g)
Height (mm)
Width (mm)
Depth (mm)
Body Construction
Product Colour
Accessories (Included)
EAN Number
Guarantee Period
Trade Tariff Commodity Code
134
Yes
Back Entry
General
290
180
180
55
Polycarbonate
White
Fittings
5012483015254
3 Years
9405114090
Line Diagrams
Data sheet
LEDMR10WH3K
Light / LED Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com