Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDMR10WH3K Datasheet(PDF) 1 Page - Timeguard

Part # LEDMR10WH3K
Description  10W Slimline LED Energy Saver IP44 Round Wall/Ceiling Light – White
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDMR10WH3K Datasheet(HTML) 1 Page - Timeguard

  LEDMR10WH3K Datasheet HTML 1Page - Timeguard LEDMR10WH3K Datasheet HTML 2Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Wattage
Energy Efficiency
Energy Usage
Lumen Output (lm)
Luminaire Efficiency
Colour Temperature (K)
LED Type
LEDMR10WH3K
10W Slimline LED Energy
Saver IP44 Round
Wall/Ceiling Light – White
Features & Benefits
White Circular LED Fitting
IP44 Ingress Protection
Robust polycarbonate lens and housing suitable
for industrial, commercial and home installations
A powerful and energy saving alternative to
standard bulkhead lights
Warm White Version
Technical Data
230V AC
50Hz
Surface Mount
Class II
-15°C to 45°C
IP44
10
Class G
10KwH/1000H
800
80 lm/W
3000
SMD (On LED Plate)
Data sheet
LEDMR10WH3K
Light / LED Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - LEDMR10WH3K

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDMR10WH TIMEGUARD-LEDMR10WH Datasheet
624Kb / 3P
7W – 700lm LED Energy Saver Bulkhead Light
14/02/2025
LEDMR10WHMS TIMEGUARD-LEDMR10WHMS Datasheet
319Kb / 3P
Microwave Presence Detection Version – White
14/02/2025
LEDMR10WHMS3K TIMEGUARD-LEDMR10WHMS3K Datasheet
319Kb / 3P
Microwave Presence Detection Version – White
14/02/2025
More results

Similar Description - LEDMR10WH3K

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SL100 LUMINIS-SL100 Datasheet
16Kb / 1P
Wall mount / Ceiling mount
SL102 LUMINIS-SL102 Datasheet
19Kb / 1P
Wall mount / Ceiling mount
logo
OptoSupply Internationa...
OSM5DL5111A OPTOSUPPLY-OSM5DL5111A Datasheet
99Kb / 1P
5mm Round Warm White LED
OSW5DA4131A OPTOSUPPLY-OSW5DA4131A Datasheet
99Kb / 1P
4mm Round Pure White LED
logo
LIGITEK electronics co....
LGXV-0225A7X LIGITEK-LGXV-0225A7X Datasheet
414Kb / 6P
10W Power Light LED
LGXV-0225A7X-P LIGITEK-LGXV-0225A7X-P Datasheet
2Mb / 6P
10W Power Light LED
LGXW-0225A7X-P LIGITEK-LGXW-0225A7X-P Datasheet
290Kb / 6P
10W Power Light LED
logo
OptoSupply Internationa...
OSMH50830GP-R5MAS1C1A-D OPTOSUPPLY-OSMH50830GP-R5MAS1C1A-D Datasheet
122Kb / 4P
White LED Ribbon Light
logo
Phihong USA Inc.
PSC12X-050 PHIHONG-PSC12X-050 Datasheet
326Kb / 4P
10W Wall Plug Series
logo
Elite Enterprises (H.K....
PF6M-10LXP-4SC ELITE-PF6M-10LXP-4SC Datasheet
774Kb / 13P
10W White/ Warm White Power LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com