Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDMRQ18WHEM Datasheet(PDF) 2 Page - Timeguard

Part # LEDMRQ18WHEM
Description  18W LED Slimline Round Ceiling Light – Emergency Version
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDMRQ18WHEM Datasheet(HTML) 2 Page - Timeguard

  LEDMRQ18WHEM Datasheet HTML 1Page - Timeguard LEDMRQ18WHEM Datasheet HTML 2Page - Timeguard LEDMRQ18WHEM Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Lumen Output (lm)
Luminaire Efficiency
Emergency Output (lm)
Colour Temperature (K)
LED Type
Mounting Hole Centres (mm)
Standby Consumption
Multiple Unit Support
Cable Entry(s)
Weight (g)
Height (mm)
Width (mm)
Depth (mm)
Body Construction
Product Colour
Accessories (Included)
EAN Number
Guarantee Period
Trade Tariff Commodity Code
1680
93 lm/W
50% (752)
4000
SMD (On LED Plate)
40
<5.4W
Yes
Back Entry
General
973
285
285
56
Polycarbonate
White
Fittings
5012483013915
3 Years
9405114090
Data sheet
LEDMRQ18WHEM
Light / LED Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com