Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDMRQ18WHEM Datasheet(PDF) 1 Page - Timeguard

Part # LEDMRQ18WHEM
Description  18W LED Slimline Round Ceiling Light – Emergency Version
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDMRQ18WHEM Datasheet(HTML) 1 Page - Timeguard

  LEDMRQ18WHEM Datasheet HTML 1Page - Timeguard LEDMRQ18WHEM Datasheet HTML 2Page - Timeguard LEDMRQ18WHEM Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Battery Type
Power Reserve
Battery Charge Time
Wattage
Energy Efficiency
Energy Usage
LEDMRQ18WHEM
18W LED Slimline Round
Ceiling Light – Emergency
Version
Features & Benefits
18W White Circular LED Fitting
Wide light diffusion pattern for optimum area
coverage
IP20 Rated
Robust polycarbonate lens and housing suitable
for industrial, commercial and residential
installations
Emergency Version
Technical Data
230V AC
50Hz
Surface Mount
Class II
0°C to 40°C
IP20
4x 3.7V 2.2Ah
3 Hours
24 Hours
18
Class F
18kWh/1000H
Data sheet
LEDMRQ18WHEM
Light / LED Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - LEDMRQ18WHEM

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDMRQ18WHEMMS TIMEGUARD-LEDMRQ18WHEMMS Datasheet
1Mb / 3P
18W LED Slimline Round Ceiling Light with Microwave
14/02/2025
More results

Similar Description - LEDMRQ18WHEM

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
DN65 ZETEX-DN65 Datasheet
113Kb / 2P
ZXSC310 Solution for emergency light
logo
List of Unclassifed Man...
98013 ETC2-98013 Datasheet
607Kb / 2P
LED Light Engine, 3.0??Round Module
98017 ETC2-98017 Datasheet
605Kb / 2P
LED Light Engine, 3.7??Round Module
98021 ETC2-98021 Datasheet
604Kb / 2P
LED Light Engine, 4.7??Round Module
98039 ETC2-98039 Datasheet
777Kb / 2P
LED Light Engine, 9.1??Round Module
logo
TE Connectivity Ltd
SSL-18W TEC-SSL-18W Datasheet
605Kb / 2P
18W Triac Dimmable LED Driver
logo
Holtek Semiconductor In...
HT45FH4J HOLTEK-HT45FH4J Datasheet
6Mb / 129P
Emergency Light Flash MCU
December 14, 2016
logo
Shanghai Cyanlite Techn...
PR28WD40 CYANLITE-PR28WD40 Datasheet
1Mb / 3P
LED Round Panel Light - CYNTHIA
logo
Shenzhen Huazhimei Semi...
HM9928 HMSEMI-HM9928 Datasheet
340Kb / 5P
LED Emergency Lighting driver
HM9929 HMSEMI-HM9929 Datasheet
790Kb / 7P
Emergency light circuit management controller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com