Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1361 Datasheet(PDF) 9 Page - ams AG

Part # AS1361
Description  150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1361 Datasheet(HTML) 9 Page - ams AG

Back Button AS1361 Datasheet HTML 5Page - ams AG AS1361 Datasheet HTML 6Page - ams AG AS1361 Datasheet HTML 7Page - ams AG AS1361 Datasheet HTML 8Page - ams AG AS1361 Datasheet HTML 9Page - ams AG AS1361 Datasheet HTML 10Page - ams AG AS1361 Datasheet HTML 11Page - ams AG AS1361 Datasheet HTML 12Page - ams AG AS1361 Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
www.austriamicrosystems.com
Revision 1.00
9 - 13
AS1361/AS1362
Data Sheet - D e t a i l e d D e s c r i p t i o n
Power-OK
The power-ok circuitry is built around an N-channel MOSFET. The circuitry monitors the output voltage and if the volt-
age goes out of regulation (e.g. during dropout, current limit, or thermal shutdown) pin POK goes low.
The power-OK feature is not active during shutdown and provides a power-on-reset (POR) function that can operate
down to VIN = 1V. A capacitor to GND may be added to generate a POR delay.
To obtain a logic-level output, connect a pull-up resistor from pin POK to pin OUT. Larger values for this resistor will
help minimize current consumption; a 100k
Ω resistor is perfect for most applications (see Figure 1 on page 1).
Current Limit
The AS1361/AS1362 include a current limiting circuitry to monitor and control the P-channel MOSFET pass transis-
tor’s gate voltage, thus limiting the device output current to 270mA (AS1361) and 510mA (AS1362).
Note: See Table 4 on page 4 for the recommended min and max current limits. The output can be shorted to ground
indefinitely without causing damage to the device.
Thermal Protection
Integrated thermal protection circuitry limits total power dissipation in the AS1361/AS1362. When the junction temper-
ature (TJ) exceeds +160ºC, the thermal sensor signals the shutdown logic, turning off the P-channel MOSFET pass
transistor and allowing the device to cool down. The thermal sensor turns the pass transistor on again after the
device’s junction temperature drops by 10ºC, resulting in a pulsed output during continuous thermal-overload condi-
tions.
Note: Thermal protection is designed to protect the devices in the event of fault conditions. For continuous operation,
do not exceed the absolute maximum junction temperature rating of +150ºC.
Operating Region and Power Dissipation
The AS1361/AS1362 maximum power dissipation is dependant on the thermal resistance of the case and PCB, the
temperature difference between the die junction and TAMB, and airflow rate.
Power dissipation across the device is calculated as:
PD = IOUT (VIN - VOUT)(EQ 1)
The maximum power dissipation is calculated:
PDMAX = (TJ - TAMB)/(
θJC + θCA)(EQ 2)
Where:
TJ - TAMB is the temperature difference between the AS1361/AS1362 die junction and the surrounding air;
θJC is the thermal resistance of the package;
θCA is the thermal resistance through the PC board/copper traces/other materials to the surrounding air.
Note: Pin GND of the AS1361/AS1362 provides the electrical connection to system ground and also serves as a heat
sink. Connect pin GND to the system ground using a large pad or ground plane.
Noise Reduction
The AS1361/AS1362 noise bypass circuitry dramatically reduces output noise, exhibiting 9µVRMS of output voltage
noise with CBYPASS = 0.01µF and COUT = 1µF. Use an external 0.01µF bypass capacitor between pin BYPASS and pin
OUT (see Figure 1 on page 1).
Note: Startup time is minimized by internal power-on circuitry which pre-charges CBYPASS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com