Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1361 Datasheet(PDF) 5 Page - ams AG

Part # AS1361
Description  150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1361 Datasheet(HTML) 5 Page - ams AG

  AS1361 Datasheet HTML 1Page - ams AG AS1361 Datasheet HTML 2Page - ams AG AS1361 Datasheet HTML 3Page - ams AG AS1361 Datasheet HTML 4Page - ams AG AS1361 Datasheet HTML 5Page - ams AG AS1361 Datasheet HTML 6Page - ams AG AS1361 Datasheet HTML 7Page - ams AG AS1361 Datasheet HTML 8Page - ams AG AS1361 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.austriamicrosystems.com
Revision 1.00
5 - 13
AS1361/AS1362
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VIN = VOUT + 0.5V, CIN = COUT = 1µF, CBYPASS = 10nF, TAMB = 25°C (unless otherwise specified).
Figure 3. Output Voltage vs. Input Voltage
Figure 4. Output Voltage Accuracy vs. Load Current
0
0.5
1
1.5
2
2.5
3
3.5
01
2
3
45
6
Input Voltage (V)
IOUT = 300mA
IOUT = 150mA
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
50
100
150
200
250
300
Load Current (mA)
Temp = 85°C
Temp = 25°C
Temp = -45°C
Figure 5. Output Voltage Accuracy vs. Temperature
Figure 6. Dropout Voltage vs. Load Current
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-40
-15
10
35
60
85
Temperature (°C)
0
20
40
60
80
100
120
140
0
50
100
150
200
250
300
Load Current (mA)
Temp = 85°C
Temp = 25°C
Temp = -45°C
Figure 7. Dropout Voltage vs. Output Voltage
0
10
20
30
40
50
60
70
80
2
2.2
2.4
2.6
2.8
3
3.2
Output Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com