Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS19 Datasheet(PDF) 1 Page - First Components International

Part # BAS19
Description  200 mW EPITAXIAL PLANAR HIGH-SPEED DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

BAS19 Datasheet(HTML) 1 Page - First Components International

  BAS19 Datasheet HTML 1Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description
Features
n PLANAR PROCESS
n 200 mW POWER DISSIPATION
Mechanical Dimensions
n INDUSTRY STANDARD SOT-23
PACKAGE
n MEETS UL SPECIFICATION 94V-0
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
Continuous Reverse Voltage...V
R
BAS19...21
Data Sheet
200 mW EPITAXIAL PLANAR
HIGH-SPEED DIODES
Units
Volts
Volts
Page 10-19
Average Forward Rectified Current...I
F(AV)
Non-Repetitive Peak Forward Current...I
FSM
t = 1µs
t = 1s
Repetitive Peak Forward Current...I
FRM
Forward Current (DC)...I
F
Junction Temperature...T
J
Storage Temperature Range...T
STRG
Power Dissipation...P
D
Maximum Forward Voltage...V
F
I
F = 100 mA
I
F = 200 mA
Maximum Reverse Current @ Rated V
R...IR
T
J = 25
o
C
T
J = 150
o
C
Maximum Reverse Recovery Time...t
RR
Typical Differential Resistance @ I
F = 10mA...RDIFF
............................................. 200 ...............................................
............................................. 2.5 ...............................................
............................................. 0.5 ...............................................
............................................. 625 ...............................................
............................................. 200 ...............................................
............................................. 150 ...............................................
........................................ -55 to 150 .........................................
............................................. 250 ...............................................
............................................. 1.0 ...............................................
............................................. 1.25 ...............................................
............................................. 100 ...............................................
............................................. 100 ...............................................
............................................. 75 ...............................................
............................................. 5.0 ...............................................
mAmps
Amps
mAmps
mAmps
°C
°C
mWatts
Volts
nAmps
µAmps
ns
Ω
BAS19
BAS20
BAS21
120
200
250
100
150
200
.110
.060
.037
.037
.115
.016
.043
.004
.016
2
1
3
Pin 1
Pin 3
Pin 2 NC
Electrical Characteristics
2
1
3


Similar Part No. - BAS19

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS19 PANJIT-BAS19 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS19 PHILIPS-BAS19 Datasheet
56Kb / 12P
General purpose diodes
1999 May 26
logo
Vishay Siliconix
BAS19 VISHAY-BAS19 Datasheet
53Kb / 4P
Surface Mount Switching Diode
01-Apr-99
logo
Transys Electronics
BAS19 TRSYS-BAS19 Datasheet
146Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAS19 WTE-BAS19 Datasheet
46Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAS19

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMBB4148 ETC-FMBB4148 Datasheet
73Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
FMBB914 ETC1-FMBB914 Datasheet
73Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
logo
First Components Intern...
FMBBAS16 FCI-FMBBAS16 Datasheet
60Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
FMBBAS19 FCI-FMBBAS19 Datasheet
60Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
FMBBAV70 FCI-FMBBAV70 Datasheet
59Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
FMBBAV99 FCI-FMBBAV99 Datasheet
59Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
BAS16 FCI-BAS16 Datasheet
75Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
BAV70 FCI-BAV70 Datasheet
75Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
FMBB914 FCI-FMBB914 Datasheet
75Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
FMBB4148 FCI-FMBB4148 Datasheet
76Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com