Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDMRQ18WHEMMS Datasheet(PDF) 2 Page - Timeguard

Part # LEDMRQ18WHEMMS
Description  18W LED Slimline Round Ceiling Light with Microwave
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDMRQ18WHEMMS Datasheet(HTML) 2 Page - Timeguard

  LEDMRQ18WHEMMS Datasheet HTML 1Page - Timeguard LEDMRQ18WHEMMS Datasheet HTML 2Page - Timeguard LEDMRQ18WHEMMS Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Approved Mounting Height (m)
Motion Detection (m)
Detection Angle
Wattage
Energy Efficiency
Energy Usage
Lumen Output (lm)
Luminaire Efficiency
Emergency Output (lm)
Colour Temperature (K)
LED Type
Mounting Hole Centres (mm)
Standby Consumption
ON Time Adjustment
LUX Level
Detection Range (m)
Microwave Sensor Frequency
Multiple Unit Support
Cable Entry(s)
Weight (g)
Height (mm)
Width (mm)
Depth (mm)
Body Construction
Product Colour
2.5
8
360°
18
Class F
18kWh/1000H
1680
93 lm/W
50% (752)
4000
SMD (On LED Plate)
40
<7.2W
5 Seconds to 30 Minutes
5 to 50
1 - 8
5.8GHz
Yes
Back Entry
General
1011
285
285
56
Polycarbonate
White
Data sheet
LEDMRQ18WHEMMS
Light / LED Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com