Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDMRQ18WHEMMS Datasheet(PDF) 1 Page - Timeguard

Part # LEDMRQ18WHEMMS
Description  18W LED Slimline Round Ceiling Light with Microwave
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDMRQ18WHEMMS Datasheet(HTML) 1 Page - Timeguard

  LEDMRQ18WHEMMS Datasheet HTML 1Page - Timeguard LEDMRQ18WHEMMS Datasheet HTML 2Page - Timeguard LEDMRQ18WHEMMS Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Battery Type
Power Reserve
Battery Charge Time
LEDMRQ18WHEMMS
18W LED Slimline Round
Ceiling Light with Microwave
Presence Detection –
Emergency Version
Features & Benefits
18W White Circular LED Fitting
Robust polycarbonate lens and housing suitable
for industrial, commercial and residential
installations
Wide light diffusion pattern for optimum area
coverage
IP20 Rated
Switchable maintained 3 hour emergency
duration
50% light output in Emergency mode
Emergency Version
Technical Data
230V AC
50Hz
Surface Mount
Class II
0°C to 40°C
IP20
4x 3.7V 2.2Ah
3 Hours
24 Hours
Data sheet
LEDMRQ18WHEMMS
Light / LED Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - LEDMRQ18WHEMMS

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDMRQ18WHEM TIMEGUARD-LEDMRQ18WHEM Datasheet
1Mb / 3P
18W LED Slimline Round Ceiling Light – Emergency Version
14/02/2025
More results

Similar Description - LEDMRQ18WHEMMS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7265SA STMICROELECTRONICS-TDA7265SA Datasheet
362Kb / 12P
18W18W STEREO AMPLIFIER WITH MUTE & ST-BY
Jul-2004
logo
LUMEX INC.
LPF-C011302S LUMEX-LPF-C011302S Datasheet
74Kb / 1P
3mm ROUND RIGHT ANGLE SMT LIGHT PIPE, WITH ROUND POSTS
logo
Lumins Inc.
W1000 LUMINIS-W1000 Datasheet
86Kb / 2P
Ceiling mount
SR150 LUMINIS-SR150 Datasheet
301Kb / 4P
Ceiling mount
logo
List of Unclassifed Man...
98013 ETC2-98013 Datasheet
607Kb / 2P
LED Light Engine, 3.0??Round Module
98017 ETC2-98017 Datasheet
605Kb / 2P
LED Light Engine, 3.7??Round Module
98021 ETC2-98021 Datasheet
604Kb / 2P
LED Light Engine, 4.7??Round Module
98039 ETC2-98039 Datasheet
777Kb / 2P
LED Light Engine, 9.1??Round Module
logo
TE Connectivity Ltd
SSL-18W TEC-SSL-18W Datasheet
605Kb / 2P
18W Triac Dimmable LED Driver
logo
Shanghai Cyanlite Techn...
PR28WD40 CYANLITE-PR28WD40 Datasheet
1Mb / 3P
LED Round Panel Light - CYNTHIA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com