Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDPROCAM Datasheet(PDF) 2 Page - Timeguard

Part # LEDPROCAM
Description  LEDPRO Wi-Fi PIR Camera Black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDPROCAM Datasheet(HTML) 2 Page - Timeguard

  LEDPROCAM Datasheet HTML 1Page - Timeguard LEDPROCAM Datasheet HTML 2Page - Timeguard LEDPROCAM Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Storage
Approved Mounting Height (m)
Motion Detection (m)
Detection Angle
PIR Sensitivity
Night Vision
VPN Support
Program Modes
Pan & Tilt Adjustment
Standby Consumption
Switch Rating
Shortest Switching Time
ON Time Adjustment
LUX Level
Detection Range (m)
Permanent ON Facility
Multiple Unit Support
Cable Entry(s)
Weight (g)
Height (mm)
Width (mm)
Depth (mm)
Body Construction
Product Colour
Accessories (Included)
128GB Micro SD Card (Not Included), Supports
Cloud Storage
2.5
10
270°
(Adjustable) App Based
Auto
No
ON/OFF, Timed, PIR Triggered
10° Left, Right & Down (From Centre)
<6W
200W LED
30 Seconds
30 Sec, 2 Min, 8 Min, 15 Min
Non Adjustible
10
Yes
Yes
Back Entry
General
335
189
80
140
Polycarbonate
Black
Fittings
Data sheet
LEDPROCAM
Wi-Fi / Wi-Fi Cameras
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
13/02/2025



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com