Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDPROCAM Datasheet(PDF) 1 Page - Timeguard

Part # LEDPROCAM
Description  LEDPRO Wi-Fi PIR Camera Black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDPROCAM Datasheet(HTML) 1 Page - Timeguard

  LEDPROCAM Datasheet HTML 1Page - Timeguard LEDPROCAM Datasheet HTML 2Page - Timeguard LEDPROCAM Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
WLAN-Standard
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Setting Type
Camera Resolution
Field Of View
Video Recording
Alarm Volume
Audio
LEDPROCAM
LEDPRO Wi-Fi PIR Camera
Black
Features & Benefits
Compatible with all existing LEDPRO Floodlights,
no extra wiring required.
Local and Cloud storage options available.
PIR sensitivity, adjustable via the TuyaSmart App.
Google Assistant and Amazon Alexa compatible.
Simple and quick to fit terminal connection.
IP55 rated (when fitted to a LEDPRO floodlight).
Time ON, adjustable via the TuyaSmart App.
Simple and quick to fit terminal connection.
Technical Data
230V AC
50Hz
Plug-in (LEDPRO Module)
802.11 b/g/n 2.4GHz
Class I
0°C to 40°C
IP55
WIFI (App Based)
1080P
270°
Event Based
100dB
Internal Speaker and Microphone
Data sheet
LEDPROCAM
Wi-Fi / Wi-Fi Cameras
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
13/02/2025


Similar Part No. - LEDPROCAM

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDPRO100B TIMEGUARD-LEDPRO100B Datasheet
1Mb / 3P
100W LED Professional Rewireable Floodlight - Black
14/02/2025
LEDPRO100WH TIMEGUARD-LEDPRO100WH Datasheet
1Mb / 3P
100W LED Professional Rewireable Floodlight - White
14/02/2025
LEDPRO10B TIMEGUARD-LEDPRO10B Datasheet
842Kb / 3P
10W LED Professional Rewireable Floodlight - Black
14/02/2025
LEDPRO10WH TIMEGUARD-LEDPRO10WH Datasheet
837Kb / 3P
10W LED Professional Rewireable Floodlight - White
14/02/2025
LEDPRO20B TIMEGUARD-LEDPRO20B Datasheet
842Kb / 3P
20W LED Professional Rewireable Floodlight - Black
14/02/2025
More results

Similar Description - LEDPROCAM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ISENSOR MICROCHIP-ISENSOR Datasheet
147Kb / 1P
Wi-Fi Temperature Sensor
pass
logo
Level One
WCS-0030 LVL1-WCS-0030 Datasheet
402Kb / 6P
Megapixel Wireless PIR Lighting Network Camera
logo
List of Unclassifed Man...
WF121 ETC2-WF121 Datasheet
1Mb / 41P
Wi-Fi MODULE
WF121-E ETC2-WF121-E Datasheet
457Kb / 7P
Wi-Fi Module
logo
World Produts Inc.
WPANT10032 WPI-WPANT10032 Datasheet
111Kb / 3P
Wi-Fi Embedded Antenna
WPANT10042 WPI-WPANT10042 Datasheet
93Kb / 2P
Wi-Fi Embedded Antenna
logo
Qorvo, Inc
QPA5219 QORVO-QPA5219 Datasheet
142Kb / 2P
Wi-Fi Power Amplifier
RFPA5562 QORVO-RFPA5562 Datasheet
695Kb / 7P
Wi-Fi Power Amplifer
RFPA5218 QORVO-RFPA5218 Datasheet
564Kb / 7P
Wi-Fi Power Amplifier
TQP5525 QORVO-TQP5525 Datasheet
606Kb / 11P
Wi-Fi Power Amplifer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com