Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDPRORFKB Datasheet(PDF) 1 Page - Timeguard

Part # LEDPRORFKB
Description  Dedicated LEDPRO RF Remote Kit for LEDPRO Range - Black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDPRORFKB Datasheet(HTML) 1 Page - Timeguard

  LEDPRORFKB Datasheet HTML 1Page - Timeguard LEDPRORFKB Datasheet HTML 2Page - Timeguard LEDPRORFKB Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Ingress Protection Rating
Setting Type
Transmission Distance
LEDPRORFKB
Dedicated LEDPRO RF
Remote Kit for LEDPRO
Range - Black
Features & Benefits
Dedicated RF PIR detector for use with all
Timeguard LEDPRO floodlights
2x cable entries suitable for PG11 gland (glands
not supplied)
RF Fob control eliminates the need for hard wired
PIR override
Simply replaces the terminal cover and plugs into
the LEDPRO floodlight – no extra cabling
necessary
Installer friendly captive terminal cover screws
Pan and tilt feature
Adjustable time setting
Adjustable LUX setting
RF Fob control, up to 100m handheld range fob
fits into a standard wall switch, eliminating the
need to hard wire the PIR override switch
Technical Data
230V AC
50Hz
Plug-in (LEDPRO Module)
Class I
IP55
Dial
100m (Line Of Sight), 10m (With Remote Inside A
Wall Switch)
Data sheet
LEDPRORFKB
Light / LEDPRO Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - LEDPRORFKB

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDPRORFKWH TIMEGUARD-LEDPRORFKWH Datasheet
605Kb / 3P
Dedicated LEDPRO RF Remote Kit for LEDPRO Range - White
14/02/2025
More results

Similar Description - LEDPRORFKB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA7088A STMICROELECTRONICS-TEA7088A Datasheet
184Kb / 17P
LOW-RANGE PHONE DEDICATED CHIP
Jan-1998
TEA7089A STMICROELECTRONICS-TEA7089A Datasheet
154Kb / 17P
LOW-RANGE PHONE DEDICATED CHIP
Jun-1998
logo
List of Unclassifed Man...
FF0433M92-TEA3 ETC-FF0433M92-TEA3 Datasheet
80Kb / 3P
RF SAW Filter for Wireless Remote Controller
logo
Renesas Technology Corp
REJ03F0087-0100Z RENESAS-REJ03F0087-0100Z Datasheet
445Kb / 28P
RF Transceiver for Short-range Wireless
logo
Systemsensor advanced i...
RTC100 SYSTEMSENSOR-RTC100 Datasheet
72Kb / 2P
Remote Test Coil Kit for use
logo
Murata Power Solutions ...
DM-3100N-1 MURATA-PS-DM-3100N-1 Datasheet
585Kb / 14P
Range Change Kit
logo
Oscilent Corporation
805-RF315.0M-A OSCILENT-805-RF315.0M-A Datasheet
180Kb / 2P
RF SAW Filter for Remote Control
logo
List of Unclassifed Man...
QSG104 ETC2-QSG104 Datasheet
340Kb / 5P
FULL-FEATURE REMOTE EVALUATION KIT
logo
Zilog, Inc.
Z86L8800ZCO ZILOG-Z86L8800ZCO Datasheet
59Kb / 2P
IR REMOTE CONTROL DEVELOPMENT KIT
logo
Tripp Lite. All Rights ...
ER-V2 TRIPPLITE-ER-V2 Datasheet
162Kb / 2P
RF Remote Control for Windows 7 & Vista
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com