Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDX10PIRBN Datasheet(PDF) 1 Page - Timeguard

Part # LEDX10PIRBN
Description  10W LED Wide Angle PIR Floodlight – Black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDX10PIRBN Datasheet(HTML) 1 Page - Timeguard

  LEDX10PIRBN Datasheet HTML 1Page - Timeguard LEDX10PIRBN Datasheet HTML 2Page - Timeguard LEDX10PIRBN Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Approved Mounting Height (m)
Motion Detection (m)
Detection Angle
Wattage
Beam Angle
LEDX10PIRBN
10W LED Wide Angle PIR
Floodlight – Black
Features & Benefits
Rust resistant Floodlight
316 stainless steel bracket and screws
Marine grade aluminium heat sink
Polycarbonate body and reflector
Adjustable time setting
Adjustment lux setting
Manual override slave terminal available for
additional external lighting loads maximum 4x
connected LEDXPIRN floodlights wired in parallel
enabling any detector to turn ON all lights
Longlife – up to 30,000 hours for low maintenance
Easy quick fit bracket installation
Technical Data
230V AC
50Hz
Bracket Mounted
Class I
-10°C to 40°C
IP55
2.5
12
180°
10
110° x 100°
Data sheet
LEDX10PIRBN
Light / LED Wide Beam Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - LEDX10PIRBN

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDX10PIRWHN TIMEGUARD-LEDX10PIRWHN Datasheet
462Kb / 3P
10W LED Wide Angle PIR Floodlight – White
14/02/2025
More results

Similar Description - LEDX10PIRBN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT8072 ETC-WT8072 Datasheet
53Kb / 5P
PIR CONTROLLER
logo
Artesyn Technologies
BXA10 ARTESYN-BXA10 Datasheet
70Kb / 3P
8-10W Wide Input DC/DC Converters
logo
LIGITEK electronics co....
LGXV-0225A7X LIGITEK-LGXV-0225A7X Datasheet
414Kb / 6P
10W Power Light LED
LGXV-0225A7X-P LIGITEK-LGXV-0225A7X-P Datasheet
2Mb / 6P
10W Power Light LED
LGXW-0225A7X-P LIGITEK-LGXW-0225A7X-P Datasheet
290Kb / 6P
10W Power Light LED
logo
RF Micro Devices
RFHA3832 RFMD-RFHA3832 Datasheet
1Mb / 11P
10W GaN Wide-Band Power Amplifier
logo
LinkCom Manufacturing C...
10W-BPH LINKCOM-10W-BPH Datasheet
487Kb / 3P
10W LED Driver
logo
GAPTEC Electronic GmbH ...
10DRW4 GAPTEC-10DRW4 Datasheet
2Mb / 5P
10W - Single Output - Wide Input - Isolated & Regulated
10S8W GAPTEC-10S8W Datasheet
2Mb / 4P
10W - Single Output - Wide Input - Isolated & Regulated
logo
DIWELL Electronics Co.,...
FAW DIWELL-FAW Datasheet
776Kb / 9P
10W WIDE INPUT RANGE
2013/10/29
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com