Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDX10PIRWHN Datasheet(PDF) 2 Page - Timeguard

Part # LEDX10PIRWHN
Description  10W LED Wide Angle PIR Floodlight – White
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDX10PIRWHN Datasheet(HTML) 2 Page - Timeguard

  LEDX10PIRWHN Datasheet HTML 1Page - Timeguard LEDX10PIRWHN Datasheet HTML 2Page - Timeguard LEDX10PIRWHN Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Pan & Tilt Adjustment
Energy Efficiency
Energy Usage
Lumen Output (lm)
Luminaire Efficiency
Colour Temperature (K)
LED Type
Mounting Hole Centres (mm)
Standby Consumption
Switch Rating
ON Time Adjustment
LUX Level
Detection Range (m)
Permanent ON Facility
Dusk Till Dawn
Multiple Unit Support
Cable Entry(s)
Weight (g)
Height (mm)
Width (mm)
Depth (mm)
Body Construction
Product Colour
Accessories (Included)
90° Tilt (Floodlight), 90° Pan Left/Right From
Centre, 90° Tilt (PIR)
Class E
12kWh/1000H
1000
83 lm/W
4000
SMD (Integrated)
70
<0.5W
200W LED, 1000W Halogen, 345W Fluorescent
5 Seconds to 10 Minutes
2 to 300
12
Yes (Pulse Override)
Yes
Yes
Side Entry (Grommet)
General
502
166
124
97 (Inc Bracket + PIR 164)
Polycarbonate (Bracket 316 Stainless Steel,
including screws)
White
Fittings (Rawl Plugs, Screws)
Data sheet
LEDX10PIRWHN
Light / LED Wide Beam Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com