Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDX10PIRWHN Datasheet(PDF) 1 Page - Timeguard

Part # LEDX10PIRWHN
Description  10W LED Wide Angle PIR Floodlight – White
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDX10PIRWHN Datasheet(HTML) 1 Page - Timeguard

  LEDX10PIRWHN Datasheet HTML 1Page - Timeguard LEDX10PIRWHN Datasheet HTML 2Page - Timeguard LEDX10PIRWHN Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Approved Mounting Height (m)
Motion Detection (m)
Detection Angle
Wattage
Beam Angle
LEDX10PIRWHN
10W LED Wide Angle PIR
Floodlight – White
Features & Benefits
Rust resistant Floodlight
316 stainless steel bracket and screws
Marine grade aluminium heat sink
Polycarbonate body and reflector
Adjustable time setting
Adjustment lux setting
Manual override slave terminal available for
additional external lighting loads maximum 4x
connected LEDXPIRN floodlights wired in parallel
enabling any detector to turn ON all lights
Longlife – up to 30,000 hours for low maintenance
Easy quick fit bracket installation
Technical Data
230V AC
50Hz
Bracket Mounted
Class I
-10°C to 40°C
IP55
2.5
12
180°
10
110° x 100°
Data sheet
LEDX10PIRWHN
Light / LED Wide Beam Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - LEDX10PIRWHN

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDX10PIRBN TIMEGUARD-LEDX10PIRBN Datasheet
460Kb / 3P
10W LED Wide Angle PIR Floodlight – Black
14/02/2025
More results

Similar Description - LEDX10PIRWHN

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-484WC1F-W0-1J LUCKY-LIGHT-LL-484WC1F-W0-1J Datasheet
205Kb / 7P
4.8mm Round Wide Viewing Angle Type White LED Technical Data Sheet
LL-484WC1F-W2-1J LUCKY-LIGHT-LL-484WC1F-W2-1J Datasheet
226Kb / 8P
4.8mm Round Wide Viewing Angle Type White LED Technical Data Sheet
LL-484WC1F-W2-3K LUCKY-LIGHT-LL-484WC1F-W2-3K Datasheet
226Kb / 8P
4.8mm Round Wide Viewing Angle Type White LED Technical Data Sheet
LL-484WC1F-W5-3K LUCKY-LIGHT-LL-484WC1F-W5-3K Datasheet
227Kb / 8P
4.8mm Round Wide Viewing Angle Type White LED Technical Data Sheet
LL-484WC1F-W6-3K LUCKY-LIGHT-LL-484WC1F-W6-3K Datasheet
256Kb / 8P
4.8mm Round Wide Viewing Angle Type White LED Technical Data Sheet
LL-484WM1F-W5-1J LUCKY-LIGHT-LL-484WM1F-W5-1J Datasheet
226Kb / 8P
4.8mm Round Wide Viewing Angle Type White LED Technical Data Sheet
logo
LinkCom Manufacturing C...
10W-BPH LINKCOM-10W-BPH Datasheet
487Kb / 3P
10W LED Driver
logo
Elite Enterprises (H.K....
PF6M-10LXP-4SC ELITE-PF6M-10LXP-4SC Datasheet
774Kb / 13P
10W White/ Warm White Power LED
logo
DIWELL Electronics Co.,...
FAW DIWELL-FAW Datasheet
776Kb / 9P
10W WIDE INPUT RANGE
2013/10/29
logo
List of Unclassifed Man...
BD49 ETC-BD49 Datasheet
346Kb / 2P
Outdoor floodlight - Warm white LED - integrated dimmable DALI power supply - Flood optic
2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com