Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDX20FLWHN Datasheet(PDF) 1 Page - Timeguard

Part # LEDX20FLWHN
Description  20W LED Wide Angle Floodlight – White
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDX20FLWHN Datasheet(HTML) 1 Page - Timeguard

  LEDX20FLWHN Datasheet HTML 1Page - Timeguard LEDX20FLWHN Datasheet HTML 2Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Wattage
Beam Angle
Pan & Tilt Adjustment
Energy Efficiency
Energy Usage
Lumen Output (lm)
Luminaire Efficiency
Colour Temperature (K)
LEDX20FLWHN
20W LED Wide Angle
Floodlight – White
Features & Benefits
Rust resistant Floodlight
316 stainless steel bracket and screws
Marine grade aluminium heat sink
Polycarbonate body and reflector
Longlife – up to 30,000 hours for low maintenance
Easy quick fit bracket installation
Technical Data
230V AC
50Hz
Bracket Mounted
Class I
-10°C to 40°C
IP55
20
110° x 100°
110° Tilt (Floodlight)
Class E
21kWh/1000H
2000
100 lm/W
4000
Data sheet
LEDX20FLWHN
Light / LED Wide Beam Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - LEDX20FLWHN

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDX20FLBN TIMEGUARD-LEDX20FLBN Datasheet
396Kb / 2P
20W LED Wide Angle Floodlight – Black
14/02/2025
More results

Similar Description - LEDX20FLWHN

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
HKW1142LT STANLEY-HKW1142LT Datasheet
336Kb / 17P
Right Angle Type White LED
W1145L STANLEY-W1145L Datasheet
419Kb / 20P
Right Angle Type White LED
logo
Lucky Light Electronic
LL-484WC1F-W0-1J LUCKY-LIGHT-LL-484WC1F-W0-1J Datasheet
205Kb / 7P
4.8mm Round Wide Viewing Angle Type White LED Technical Data Sheet
LL-484WC1F-W2-1J LUCKY-LIGHT-LL-484WC1F-W2-1J Datasheet
226Kb / 8P
4.8mm Round Wide Viewing Angle Type White LED Technical Data Sheet
LL-484WC1F-W2-3K LUCKY-LIGHT-LL-484WC1F-W2-3K Datasheet
226Kb / 8P
4.8mm Round Wide Viewing Angle Type White LED Technical Data Sheet
LL-484WC1F-W5-3K LUCKY-LIGHT-LL-484WC1F-W5-3K Datasheet
227Kb / 8P
4.8mm Round Wide Viewing Angle Type White LED Technical Data Sheet
LL-484WC1F-W6-3K LUCKY-LIGHT-LL-484WC1F-W6-3K Datasheet
256Kb / 8P
4.8mm Round Wide Viewing Angle Type White LED Technical Data Sheet
LL-484WM1F-W5-1J LUCKY-LIGHT-LL-484WM1F-W5-1J Datasheet
226Kb / 8P
4.8mm Round Wide Viewing Angle Type White LED Technical Data Sheet
logo
Intersil Corporation
ISL97634IRT14Z-T INTERSIL-ISL97634IRT14Z-T Datasheet
584Kb / 12P
White LED Driver with Wide PWM Dimming Range
August 27, 2013
logo
List of Unclassifed Man...
BD49 ETC-BD49 Datasheet
346Kb / 2P
Outdoor floodlight - Warm white LED - integrated dimmable DALI power supply - Flood optic
2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com