Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDX30FLBN Datasheet(PDF) 1 Page - Timeguard

Part # LEDX30FLBN
Description  30W LED Wide Angle Floodlight – Black
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDX30FLBN Datasheet(HTML) 1 Page - Timeguard

  LEDX30FLBN Datasheet HTML 1Page - Timeguard LEDX30FLBN Datasheet HTML 2Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Wattage
Beam Angle
Pan & Tilt Adjustment
Energy Efficiency
Energy Usage
Lumen Output (lm)
Luminaire Efficiency
Colour Temperature (K)
LEDX30FLBN
30W LED Wide Angle
Floodlight – Black
Features & Benefits
Rust resistant Floodlight
316 stainless steel bracket and screws
Marine grade aluminium heat sink
Polycarbonate body and reflector
Longlife – up to 30,000 hours for low maintenance
Easy quick fit bracket installation
Technical Data
230V AC
50Hz
Bracket Mounted
Class I
-10°C to 40°C
IP55
30
110° x 100°
110° Tilt (Floodlight)
Class E
32kWh/1000H
3000
100 lm/W
4000
Data sheet
LEDX30FLBN
Light / LED Wide Beam Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - LEDX30FLBN

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDX30FLWHN TIMEGUARD-LEDX30FLWHN Datasheet
416Kb / 2P
30W LED Wide Angle Floodlight – White
14/02/2025
More results

Similar Description - LEDX30FLBN

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
BXA30 ARTESYN-BXA30 Datasheet
67Kb / 2P
30W Wide Input DC/DC Converters
logo
Murata Power Solutions ...
UEI30 MURATA-PS-UEI30 Datasheet
176Kb / 3P
30W Isolated Wide-Range DC/DC Converters
UEI30 MURATA-PS-UEI30_09 Datasheet
344Kb / 16P
30W Isolated Wide-Range DC/DC Converters
logo
Murata Manufacturing Co...
UEI30 MURATA-UEI30_11 Datasheet
343Kb / 16P
30W Isolated Wide-Range DC/DC Converters
logo
LinkCom Manufacturing C...
30-LCVE LINKCOM-30-LCVE Datasheet
486Kb / 3P
30W LED Power Supply
logo
Total Power Internation...
MPW1000 TOTAL-POWER-MPW1000_17 Datasheet
488Kb / 8P
25~30W wide input range
logo
GAPTEC Electronic GmbH ...
30POEX GAPTEC-30POEX Datasheet
1Mb / 3P
30W - Single Output - Wide Input - Isolated & Regulated
logo
DIWELL Electronics Co.,...
FEW DIWELL-FEW Datasheet
1Mb / 9P
20-30W WIDE INPUT RANGE
2016/09/20
KAW-EL DIWELL-KAW-EL Datasheet
568Kb / 6P
30W WIDE INPUT RANGE
2016/08/24
KAW DIWELL-KAW Datasheet
556Kb / 8P
30W WIDE INPUT RANGE
2013/06/27
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com