Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDX30PIRBN Datasheet(PDF) 1 Page - Timeguard

Part # LEDX30PIRBN
Description  30W LED Wide Angle PIR Floodlight – Black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDX30PIRBN Datasheet(HTML) 1 Page - Timeguard

  LEDX30PIRBN Datasheet HTML 1Page - Timeguard LEDX30PIRBN Datasheet HTML 2Page - Timeguard LEDX30PIRBN Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Approved Mounting Height (m)
Motion Detection (m)
Detection Angle
Wattage
Beam Angle
LEDX30PIRBN
30W LED Wide Angle PIR
Floodlight – Black
Features & Benefits
Rust resistant Floodlight
316 stainless steel bracket and screws
Marine grade aluminium heat sink
Polycarbonate body and reflector
Adjustable time setting
Adjustment lux setting
Manual override slave terminal available for
additional external lighting loads maximum 4x
connected LEDXPIRN floodlights wired in parallel
enabling any detector to turn ON all lights
Longlife – up to 30,000 hours for low maintenance
Easy quick fit bracket installation
Technical Data
230V AC
50Hz
Bracket Mounted
Class I
-10°C to 40°C
IP55
2.5
12
180°
30
110° x 100°
Data sheet
LEDX30PIRBN
Light / LED Wide Beam Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - LEDX30PIRBN

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDX30PIRWHN TIMEGUARD-LEDX30PIRWHN Datasheet
486Kb / 3P
30W LED Wide Angle PIR Floodlight – White
14/02/2025
More results

Similar Description - LEDX30PIRBN

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
BXA30 ARTESYN-BXA30 Datasheet
67Kb / 2P
30W Wide Input DC/DC Converters
logo
Murata Power Solutions ...
UEI30 MURATA-PS-UEI30 Datasheet
176Kb / 3P
30W Isolated Wide-Range DC/DC Converters
UEI30 MURATA-PS-UEI30_09 Datasheet
344Kb / 16P
30W Isolated Wide-Range DC/DC Converters
logo
Murata Manufacturing Co...
UEI30 MURATA-UEI30_11 Datasheet
343Kb / 16P
30W Isolated Wide-Range DC/DC Converters
logo
LinkCom Manufacturing C...
30-LCVE LINKCOM-30-LCVE Datasheet
486Kb / 3P
30W LED Power Supply
logo
Total Power Internation...
MPW1000 TOTAL-POWER-MPW1000_17 Datasheet
488Kb / 8P
25~30W wide input range
logo
GAPTEC Electronic GmbH ...
30POEX GAPTEC-30POEX Datasheet
1Mb / 3P
30W - Single Output - Wide Input - Isolated & Regulated
logo
DIWELL Electronics Co.,...
FEW DIWELL-FEW Datasheet
1Mb / 9P
20-30W WIDE INPUT RANGE
2016/09/20
KAW-EL DIWELL-KAW-EL Datasheet
568Kb / 6P
30W WIDE INPUT RANGE
2016/08/24
KAW DIWELL-KAW Datasheet
556Kb / 8P
30W WIDE INPUT RANGE
2013/06/27
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com