Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H563ZI Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM32H563ZI
Description  Professional MEMS tool: evaluation board for all ST MEMS sensors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H563ZI Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM32H563ZI Datasheet HTML 3Page - STMicroelectronics STM32H563ZI Datasheet HTML 4Page - STMicroelectronics STM32H563ZI Datasheet HTML 5Page - STMicroelectronics STM32H563ZI Datasheet HTML 6Page - STMicroelectronics STM32H563ZI Datasheet HTML 7Page - STMicroelectronics STM32H563ZI Datasheet HTML 8Page - STMicroelectronics STM32H563ZI Datasheet HTML 9Page - STMicroelectronics STM32H563ZI Datasheet HTML 10Page - STMicroelectronics STM32H563ZI Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Figure 6. STEVAL-MKI109D circuit schematic (6 of 11)
100nF
C52
100nF
C53
100nF
C54
100nF
C55
100nF
C56
100nF
Cd8
GND
VDD_3.3V
ADC_I_A_(2)
ADC_V_A
ADC_I_A_(1)
ADC_log_I_A
ADC_I_B
ADC_V_B
RANGE_20x_B
RANGE_5x_B
RANGE_2x_B
RANGE_50x_A
RANGE_5x_A
RANGE_2x_A
100k
R161
0.1%
1k
R162
100nF
C84
R_20x_A
R_5x_A
R_50x_A
R_2x_A
Control Signals A
RANGE_50x_A
FILTER_A_(2)
RANGE_20x_A
R_20x_B
R_5x_B
R_2x_B
Control signals B
Control Signals B
RANGE_20x_B
FILTER_B
RANGE_5x_B
ADC_I_A_(2)
ADC_log_I_A
ADC_V_A
ADC_I_A_(1)
FILTER_A( 1)
FILTER_A (2)
Analog Signals A
ADC_I_A_(2)
ADC_V_A
ADC_I_A_(1)
ADC_I_B
ADC_V_B
FILTER_B
Analog Signals B
Analog Signals B
ADC_I_B
ADC_V_B
ADC_log_I_A
Analog Signals A
RANGE_2x_B
RANGE_5x_A
RANGE_2x_A
FILTER_A_(1)
FILTER_A_(1)
FILTER_A_(2)
FILTER_B
Vext_sense
100k
R173
100k
R171
100k
R170
100k
R172
GND
22nF
C93
GND
22nF
C94
Vext_sens/2
Vusb_sens/2
1
2
J10
GND
1
2
J12
GND
Production Test Start
GPI
1
2
J11 Production Tester
GPI
Cal
GPI
Cal
TEST_Adapter_Connected
TEST_3V6
TEST_6
10k
R179
10k
R180
Interconnection Check
GND
NTRST
SAI1_FS_B
SAI1_SCK_B
SAI1_SD_B
SPI1_NSS
SPI1_MISO
SPI1_MOSI
SPI1_SCK
I3C1_I2C1_SDA
I3C1_I2C1_SCL
GP_uP
DEN_uP
CS_A_uP
16MHz
2
4
X1
18pF
C70
18pF
C69
GND
GND
GND
100R
R82
I2C and SPI connection to UI:
VddIO2
SPI1_MOSI
SPI1_SCK
DIL24_SDA
DIL24_SCL
DIL24_SDO
SPI1_MISO
DIL24_CS
SPI1_NSS
1
T15
1
T14
DIL24_CS
DIL24_SDO
DIL24_SDA
DIL24_SCL
DIL24_INT1
DIL24_INT2
DIL24_GP
DIL24_DEN
DIL24_CS_A
DIL24_INT3
DIL24_INT4
GP
DEN
CS_A
INT3
INT4
CS
SDO
SDA
SCL
INT2
INT1
SDO_x
SD_x
SC_x
CS_x
Logic_signals1
Log Signals
DIL24_SPIx6_SDO
DIL24_SPIx6_SD
DIL24_SPIx6_SC
DIL24_SPIx6_CS
4.7uF
C50
GND
BOOT0
BOOT Mode
Signal LEDs:
SW1
SW2
3.3V
GND
User Switches:
Interrupt LED signalization:
SW2
3.3V
3.3V
3.3V
3.3V
V_USB
JTMS_SWDIO
JTCK_SWCLK
JTDI
USB_D-
USB_D+
UCPD1_DB1
USB_D+
USB_D-
JTDO
SW1
JTNRST
SW2
DIL24_9
DIL24_10
USB_enum_LED
SPI2_NSS
SPI2_MISO
SPI2_MOSI
SPI2_SCK
Vusb_sens/2
SD_CMD
SD_CLK
SD_DATA1
SD_DATA0
SD_DATA3
SD_DATA2
ABS06-107-32.768KHZ-T
X2
GND
GND
LOCK_1V98
GND
Vdd_set
VddIO_set
DIL24_8
USART2_uC-RX_STLINK-TX
USART2_uC-TX_STLINK-RX
LED1
LED2
LED3
SD_DETECT
OE1-4
3.3V
SN74AVC4T245RSVR
GND
10
Vcc_A
3
Vcc_B
2
1B2
14
1B1
15
1OE
1
1A2
7
1A1
6
1DIR
4
2DIR
5
2B2
12
2B1
13
2A2
9
2A1
8
2OE
16
GND
11
U5
1.2 to 3.6V
3.3V
INT1_uP
INT3_uP
INT4_uP
INT2_uP
DIL24_INT1
DIL24_INT2
DIL24_INT3
DIL24_INT4
INT1_uP
INT3_uP
INT4_uP
INT2_uP
Vext_sens/2
PWM_TEST
GND
JTMS_SWDIO
JTCK_SWCLK
GND
JTDO
JTDI
JTNRST
JTAG/SWO Interface:
3.3V
USART2_uC-RX_STLINK-TX
USART2_uC-TX_STLINK-RX
1uF
C74
100nF
C75
1uF
C72
100nF
C73
22R
R90
GND
VDD_A_3.6V
REF_3.00V
BOOT0
Selection:
I2C_pull-ups
5V_to_Ext
3.3V
SD_CMD
SD_DATA1
SD_DETECT
SD_DATA0
SD_DATA3
SD_CLK
DATA0
DATA1
DATA2
DATA3
CMD
CLK
DETECT
SD_Card_signals
SD_DATA2
SD_Card_Signals
DIR_INT3_INT4
DIR_INT1_INT2
SD_Runs
SD_Power_ON
LOG_In_Ctrl2
LOG_In_Ctrl1
I2C2_SDA
TX
RX
CTS
I2C2_SCL
BT_RX
BT_TX
BT_RTS
BT_CTS
I2C2_SDA
I2C2_SCL
MOSI_RF
MISO_RF
SCK_RF
CS_RF
D0DIR_MCA
D123DIR_MCB
CS2_RF
WiFi_signals
RTS
WiFi_Signals
SPI2_NSS
SPI2_MISO
SPI2_MOSI
SPI2_SCK
I2C2_SDA
USART2_TX
USART2_RX
USART2_CTS
USART2_RTS
USART2_TX
USART2_RX
USART2_CTS
USART2_RTS
SPI2_CS2
OE1-4
DIR_INT3_INT4
DIR_INT1_INT2
I2C4_SCL
I2C4_SDA
LOCK_1V98_F
REF_3.00V
LOCK_1V98_F
REF_3.00V_R
SD_D0DIR_&IN
SD_D123DIR_&OUT
M24C64-FMH6TG
VSS
2
SDA
3
SCL
4
/WC
5
VCC
1
U21
GND
3.3V
I2C4_SCL
I2C4_SDA
EEPROM_/WC
EEPROM_/WC
3.3V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
J6
VddIO2
RANGE_100x_A
RANGE_100x_B
10k
R129
10k
R120
10k
R121
10k
R122
0R
R112
1k5
R102
10k
R110
Control_Signals_A
RANGE_20x_A
I2C2_SCL
REF_3.00V_R
1k
R29
100nF
C49
1k
R81
D4
3.3pF
C68
3.3pF
C71
100nF
C48
Analog_Peri_Signals
ADC_IN1
ADC_IN2
ADC_IN1
ADC_IN2
ADC_I_A_(1)
ADC_I_A_(2)
4.7uF
Cd5
VddIO2
GND
100nF
Cd6
100nF
Cd7
10uF
C51
100nF
Cd1
100nF
Cd2
100nF
Cd3
100nF
Cd4
ADC_IN1
ADC_IN2
ADC_IA1
ADC_IA2
Analog_Peri_Signals
V_BAT
0R
R62
GND
I2C2_SDA2
1k5
R79
100k
R47
MUX_3.6V
MUX_Power_ON
3k3
R117
3k3
R118
BT2
1
2
BT3
Test2
Test1
SW1
WiFi_Runs
DIL24_7
RST
BT2-2
INT4
G3
G2
INT1
BackBAT
220R
R125
220R
R124
4k7
R101
SAI1_MCLK_A
STM32H563ZIT6
PH0-OSC_IN
23
PH1-OSC_OUT
24
NRST
25
PA0-WKUP0
34
PA1
35
PA2
36
PA3
37
PA4
40
PA5
41
PA6
42
PA7
43
PB0
46
PB1
47
PB2
48
PB10
69
PB12
73
PB13
74
PB14
75
PB15
76
PA8
100
PA9
101
PA10
102
PA11
103
PA12
104
PA13
105
PA14
109
PA15
110
PB3
133
PB4
134
PB5
135
PB6
136
PB7
137
BOOT0
138
PB8
139
PB9
140
PC13
7
PC14-OSC32_IN
8
PC15-OSC32_OUT
9
PC0
26
PC1
27
PC2-C
28
PC3-C
29
PC4
44
PC5
45
PC6
96
PC7
97
PC8
98
PC9
99
PC10
111
PC11
112
PC12
113
MCU CLK
MCU_IOs (A,B,C)
& RST
U1A
PE2
1
PE3
2
PE4
3
PE5
4
PE6
5
PE7
58
PE8
59
PE9
60
PE10
63
PE11
64
PE12
65
PE13
66
PE14
67
PE15
68
PD8
77
PD9
78
PD10
79
PD11
80
PD12
81
PD13
82
PD14
85
PD15
86
PD0
114
PD1
115
PD2
116
PD3
117
PD4
118
PD5
119
PD6
122
PD7
123
PE0
141
PF6
18
PF7
19
PF8
20
PF9
21
PF10
22
PF11
49
PF14
54
PF15
55
PG6
91
PG7
92
PG8
93
PG9
124
PG10
125
PG11
126
PG12
127
PG13
128
PG14
129
MCU_IOs (D,E,F,G)
PF2
12
PF3
13
PF4
14
PF5
15
PF0/PH0
10
PF1/PH1
11
PF12
50
PF13
53
PG0
56
PG1
57
PG2
87
PG3
88
PG4
89
PG5
90
PG15
132
U1B
VBAT
6
VSSA
31
VREFP
32
VDDA
33
VDD_4
17
VCAP1
70
VDDLDO_2
108
VDD_5
30
VDD_7
39
VDDLDO_1
72
VSS_4
16
VSS_7
38
MCU_PWR
VSS_11
61
VSS_30
94
VDD_30
95
VSS_2
107
VSS_24
120
VDDIO2
121
VDDLDO_3
144
VSS_9
51
VDD_9
52
VDD_11
62
VSS_16
83
VDD_16
84
VSS_26
130
VDD_26
131
VSS_1
71
VSS_13
143
VCAP3
142
VDD33_USB
106
U1C
VDDIO
VddIO2
GND
I3C1_I2C1_SDA
I3C1_I2C1_SCL
SD_D0DIR_&IN
SD_D123DIR_&OUT
TEST_5
DIL24_7
DIL24_SPIx6_CS
DIL24_SPIx6_SDO
DIL24_SPIx6_SD
DIL24_SPIx6_SC
GND
3
Vcc_A
7
Vcc_B
6
B2
4
B1
5
OE
2
A2
9
A1
8
DIR1
10
DIR2
1
SN74AVC2T245RSWR
U22
GND
3
Vcc_A
7
Vcc_B
6
B2
4
B1
5
OE
2
A2
9
A1
8
DIR1
10
DIR2
1
SN74AVC2T245RSWR
U23
SAI1_FS_B
SAI1_SCK_B
3.3V
GND
VddIO2
VddIO2
3.3V
GND
DIL24_SPIx6_SC
DIL24_SPIx6_SDO
SAI1_SD_B
SAI1_MCLK_A
DIL24_SPIx6_SD
DIL24_SPIx6_CS
3.3V
3.3V
SN74AVC4T245RSVR
GND
10
Vcc_A
3
Vcc_B
2
1B2
14
1B1
15
1OE
1
1A2
7
1A1
6
1DIR
4
2DIR
5
2B2
12
2B1
13
2A2
9
2A1
8
2OE
16
GND
11
U24
VddIO2
GND
GND
DIL24_DEN
DIL24_GP
DIL24_CS_A
GP_uP
DEN_uP
CS_A_uP
DIR_GP
DIR_DEN_CS_A
CTR_EN
DIR_GP
DIR_DEN_CS_A
CTR_EN
SAI_SCK_SD_OE
SAI_MCLK_DIR
SAI_MCLK_FS_OE
SAI_SCK_SD_OE
SAI_MCLK_DIR
SAI_MCLK_FS_OE
GND
4.7uF
C95
100nF
Cd10
INT1_uP
INT3_uP
INT4_uP
INT2_uP
100nF
Cd11
3.3V
GND
DIL24_INT1
DIL24_INT2
DIL24_INT3
DIL24_INT4
499k
Ri1
499k
Ri2
499k
Ri3
499k
Ri4
100k
Ri5
3.3V
GND
GND
D1
1
3
D2
D3
2
4
8k2
R103
4k7
R104
2k2
R105
2k2
R107
6k8
R106
6k8
R108
Tp5
BOOT Mode
Selection:
- Default boot
from FLASH
(BOOT0 low)
DFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com