Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H563ZI Datasheet(PDF) 4 Page - STMicroelectronics

Part # STM32H563ZI
Description  Professional MEMS tool: evaluation board for all ST MEMS sensors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H563ZI Datasheet(HTML) 4 Page - STMicroelectronics

  STM32H563ZI Datasheet HTML 1Page - STMicroelectronics STM32H563ZI Datasheet HTML 2Page - STMicroelectronics STM32H563ZI Datasheet HTML 3Page - STMicroelectronics STM32H563ZI Datasheet HTML 4Page - STMicroelectronics STM32H563ZI Datasheet HTML 5Page - STMicroelectronics STM32H563ZI Datasheet HTML 6Page - STMicroelectronics STM32H563ZI Datasheet HTML 7Page - STMicroelectronics STM32H563ZI Datasheet HTML 8Page - STMicroelectronics STM32H563ZI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Figure 3. STEVAL-MKI109D circuit schematic (3 of 11)
V1 - Dual Channel Idd measurement - lin
Au = 1 - 2 - 5 - 10
Differential Amp. Au = 5
GND
GND
100k
R8
0.1%
100k
R23
0.1%
20k
R7
0.1%
20k
R18
0.1%
GND
10k
R20
GND
Sense_Hi_A
10k
R11
Sense_Lo_A
10k
R24
0.1%
10k
R28
0.1%
GND
CH_A
CH_B
100pF
C12
100pF
C7
470nF
C6
150pF
C13
GND
GND
4.3V_A
4.3V_A
4.3V_B
4.3V_B
4.3V_B
Sense_Hi_A
Sense_Lo_ampl_A
Sense_Lo_A
ADC_I_A_(1)
ADC_V_A
FILTER_A_(1)
RANGE_2x_A
RANGE_5x_A
GND
GND
Au = 10 - 20 - 50 - 100
Differential Amp. Au = 10
100k
R3
0.1%
100k
R56
0.1%
10k
R57
GND
Sense_Hi_A
10k
R21
Sense_Lo_A
100pF
C20
100pF
C19
150pF
C24
GND
470nF
C21
ADC_I_A_(2)
FILTER_A_(2)
GND
GND
GND
4.3V_A
Au = 1 - 5 - 20 - 100
Differential Amp. Au = 5 - 10
100k
R64
0.1%
100k
R142
0.1%
20k
R63
0.1%
20k
R141
0.1%
10k
R143
GND
10k
R67
100pF
C64
100pF
C27
470nF
C26
150pF
C66
GND
Sense_Hi_B
Sense_Lo_ampl_B
Sense_Lo_B
ADC_I_B
FILTER_B
RANGE_5x_B
RANGE_20x_B
GND
GND
Sense_Lo_B
10k
R2
0.1%
10k
R55
0.1%
20k
R65
0.1%
20k
R149
0.1%
RANGE_2x_B
4.3V_B
27k
R27
0.1%
27k
R58
0.1%
3k0
R9
0.1%
4k7
R14
0.1%
82k
R10
24k
R15
0.1%
3k0
R4
0.1%
2k4
R51
0.1%
300R
R48
0.1%
27k
R147
0.1%
3k0
R84
0.1%
300R
R87
0.1%
1k5
R85
0.1%
20k
R88
0.1%
6k8
R116
0.1%
137k
R66
4.3V_A
4.3V_A
4.3V_B
2
2
3
3
1
1
TSZ122IQ2T
U3A
6
6
5
5
7
7
TSZ122IQ2T
U3B
U31C
2
2
3
3
1
1
TSZ122IQ2T
U15A
6
6
5
5
7
7
TSZ122IQ2T
U15B
GND
4.3V_A
U15C
2
2
3
3
1
1
TSZ122IQ2T
U16A
6
6
5
5
7
7
TSZ122IQ2T
U16B
GND
U16C
4.3V_A
GND
4.3V_A
100nF
C82
GND
2
2
3
3
1
1
TSZ122IQ2T
U31A
6
6
5
5
7
7
TSZ122IQ2T
U31B
100k
R16
100k
R33
GND
4.3V_A
U3C
4.3V_A
100nF
C81
GND
4.3V_B
GND
U32C
100k
R128
10k
R163
GND
10k
R164
GND
10k
R165
GND
2
2
3
3
1
1
TSZ122IQ2T
U32A
6
6
5
5
7
7
TSZ122IQ2T
U32B
GND
100nF
C58
GND
100nF
C67
GND
100pF
C11
100R
R17
100R
R50
100R
R166
GND
100pF
C65
1k5
R26
1k5
R89
Sense_Lo_A
3.6V_A
100nF
C87
GND
GND
1k5
R174
GND
22nF
C88
100pF
C86
4.3V_B
100nF
C96
GND
100nF
C92
8k2
R49
470R
R52
0.1%
VDD_A_3.6V
3.6V_A
3.6V_A
3.6V_A
3.6V_A
3.6V_A
3.6V_A
Sense_Lo_ampl_A_2
RANGE_50x_A
RANGE_20x_A
D17
D19
D12
D13
D15
D14
SEL
4
S2
5
D
3
S1
2
NS5A4684SMNTBG
U8A
SEL
8
S2
7
S1
10
D
9
NS5A4684SMNTBG
U8B
U8C
SEL
4
S2
5
D
3
S1
2
NS5A4684SMNTBG
U13A
SEL
8
S2
7
S1
10
D
9
NS5A4684SMNTBG
U13B
U13C
SEL
4
S2
5
D
3
S1
2
NS5A4684SMNTBG
U17A
SEL
8
S2
7
S1
10
D
9
NS5A4684SMNTBG
U17B
U17C
SEL
4
S2
5
D
3
S1
2
NS5A4684SMNTBG
U9A
SEL
8
S2
7
S1
10
D
9
NS5A4684SMNTBG
U9B
U9C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com