Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA900-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TA900-DOC
Description  Program and Debug Box
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TA900-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TA900-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TA900-DOC Datasheet HTML 2Page - TEWS Technologies GmbH TA900-DOC Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The Embedded I/O Company
TA900
Program and Debug Box
Application Information
The TA900 is an Interface Box which can be used to
program and debug hardware modules providing a
corresponding connector.
The Interface Box connects to compatible modules via a
20-pin Flexible Printed Circuit (FPC) Connector which
can provide access to the module's JTAG Chain and the
additional interfaces A and B.
The TA900 can be accessed by USB 2.0 and by a 14-pin
JTAG Header, and is equipped with a Pushbutton Switch
which is offering the possibility to send an impulse to one
of the connected module's I/O pins.
A green LED indicates the assertion of this impulse by
interrupting illumination.
In case of the user programmable FPGA boards
TAMC631 and TAMC640/641, Interface A provides
access
to
the
UART
of
the
onboard
Module
Management Controller (MMC), and Interface B connects
to two user pins of the module's onboard FPGA. If a
UART core is implemented in the module's FPGA, serial
communication via Interface B is possible.
By setting DIP Switches, the provided yellow LEDs
located in the TA900 front panel can either indicate the
logic level of the Interface's lines or can be configured to
visualize serial communication on the Rx and Tx lines, if
they are connected to the UART interfaces of the USB
Controller.
Level Shifters can handle I/O voltages between 1.2V and
3.3V at the FPC Connector which offers a wide range of
possible configurations for Interface A, B and the JTAG
Chain of the connected hardware module.
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-08-17
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TA900-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TA900-10R TEWS-TA900-10R Datasheet
466Kb / 3P
32 x 12/14 Bit 50/75 Msps ADC for MTCA.4 Rear-I/O
2021-09-28
TA900-10R TEWS-TA900-10R Datasheet
269Kb / 3P
Spartan6 AMC with FMC Module Slot
2017-10-12
TA900-10R TEWS-TA900-10R Datasheet
277Kb / 3P
Virtex-5 AMC with FMC Slot
2013-11-13
TA900-10R TEWS-TA900-10R Datasheet
314Kb / 3P
High Performance Virtex-5 AMC with FMC-Slot
2013-11-14
TA900-10R TEWS-TA900-10R Datasheet
170Kb / 3P
Spartan-6 FPGA AMC for MTCA.4 Rear-I/O
2017-08-17
More results

Similar Description - TA900-DOC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SX28 ETC-SX28 Datasheet
688Kb / 52P
Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
SX48BD ETC-SX48BD Datasheet
873Kb / 58P
Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability, and On-Chip Debug
logo
Cypress Semiconductor
CY8CKIT-002 CYPRESS-CY8CKIT-002 Datasheet
78Kb / 1P
CY8CKIT-002 PSoC짰 MiniProg3 Program and Debug Kit
logo
ATMEL Corporation
ATMEGA161L ATMEL-ATMEGA161L_14 Datasheet
1Mb / 159P
Program and Data Memories
logo
STMicroelectronics
PM0051 STMICROELECTRONICS-PM0051 Datasheet
198Kb / 27P
How to program STM8S and STM8A Flash program memory and data EEPROM
06-Jun-2011
logo
Aries Electronics, Inc.
16005 ARIES-16005 Datasheet
897Kb / 1P
Program Header and Cover
logo
Keysight Technologies
N1014A KEYSIGHT-N1014A Datasheet
5Mb / 9P
Compliance and Debug Application
logo
STMicroelectronics
STEVAL-IDS001V5M STMICROELECTRONICS-STEVAL-IDS001V5M Datasheet
266Kb / 6P
Debug connector
17-Jul-2015
logo
Zilog, Inc.
Z86CCP01ZEM ZILOG-Z86CCP01ZEM Datasheet
38Kb / 8P
In-Circuit Program Debug Emulation
logo
Maxim Integrated Produc...
MAXREFDES100HDK MAXIM-MAXREFDES100HDK Datasheet
439Kb / 5P
Programming and Debug Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com