Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA900-DOC Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TA900-DOC
Description  Program and Debug Box
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TA900-DOC Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TA900-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TA900-DOC Datasheet HTML 2Page - TEWS Technologies GmbH TA900-DOC Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The Embedded I/O Company
The JTAG Chain of the connected hardware module
which is useful to program and debug onboard devices
can be accessed in two different ways:
If it is accessed via the 14-pin Header, which must be the
case when communicating with Xilinx Devices, a "Xilinx
Platform Cable USB II" (which is required) can be
connected without any adaption.
If the JTAG Chain is accessed via the USB interface,
Channel A of the USB Controller is not used to
communicate with Interface A, but to generate JTAG
signals for debugging or programming reasons. In this
configuration, Lattice Devices for example can directly be
programmed without the necessity of an additional
Programming Cable, as the TA900 is directly supported
by Lattice's Software Tool "ispVM".
The TA900 is self-powered by the FPC Connector which
means that it is not necessary to connect the Interface
Box to USB to provide a supply voltage.
The Interface Box meets the requirements to
operate in extended temperature range from -30° to
+75°C and comes with a USB A to USB B Cable
and an FPC Flexcable.
Technical Information
 Form Factor: Interface Box
 Size: 139.7mm x 82.6mm x 26.2mm
 20-pin Flexible Printed Circuit (FPC) Connector
 JTAG Interface
 Interface A (UART / MPSSE Mode JTAG)
 Interface B (UART)
 User I/O pin BUTTON
 I/O Voltages: 1.2V to 3.3V
 FTDI Chip FT2232H USB to UART/JTAG Controller
 Supported by "Lattice ispVM"
 USB B Receptacle
 USB 2.0 High Speed and Full Speed
 Self-Powered
 14-pin Shrouded JTAG Header
 Matches the "Xilinx Platform Cable USB II"
pinout
 Operating temperature -30°C to +75°C
 MTBF (MIL-HDBK217F/FN2 GB 20°C)
TA900-10R: 639000 h
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-08-17
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com