Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAMC220-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TAMC220-DOC
Description  3 Slot IndustryPack® Carrier for MTCA.4 Rear-I/O
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TAMC220-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TAMC220-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TAMC220-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TAMC220
3 Slot IndustryPack® Carrier for MTCA.4 Rear-I/O
Application Information
The TAMC220 is a standard double Mid-Size/Full-Size
AMC.1 (PCI-Express) and MTCA.4 compliant carrier for
up to three single-size, or one double-size and one single-
size IndustryPack (IP) modules. It can be used to build
modular, flexible and cost effective I/O solutions for all
kinds
of
applications
like
process
control,
medical
systems, telecommunication and traffic control. The
TAMC220 is a versatile solution to upgrade well known
legacy I/O solutions to a high performance form factor.
Two AirMaxVS™ connectors provide access to all IP I/O
lines via a compatible µRTM, such as the TAMC002-TM.
The IP power lines are protected by self-healing fuses and
are RF filtered. The operating temperature range is -40°C
to +85°C.
According to AMC.0, the TAMC220 provides an IPMI
compliant Module Management Controller (MMC) with
temperature monitoring and hot-swap support.
The TAMC220 is available as a mid-size module or as a
full-size module.
TCLKA and TCLKB are connected to the µRTM via M-
LVDS transceivers. Both signals can be used as bi-
directional single-ended signals.
Technical Information
 Form Factor: PICMG MTCA.4 Module
 Board size: Double Mid-Size or Double Full-Size
 PCIe x1 Port (AMC.1 Type 1 compliant)
 IPMI V1.5 support
 Front-Panel LEDs:
 Blue Hot-Swap LED
 Red Failure LED (LED1)
 Green Board OK/Activity LED (LED2)
 Green ACKNOWLEDGE LED for each IP slot
 ANSI/VITA 4-1995 compliant interface to three
IndustryPack modules
 3 IndustryPack slots: three Single-Size IPs or one
Single-Size and one Double-Size IP
 8/32 MHz interface, no DMA
 8 Mbytes memory space per IP Slot
 Routing of all IP interrupts to PCIe INTA/MSI,
local interrupt status register
 Rear-I/O access to all 150 IP I/O lines via
AirmaxVS™ 90-pos connectors to a compatible
RTM (for example, TAMC002-TM)
 Self Healing fuses and RF-filtering on all IP power
lines
 Operating temperature -40°C to +85°C
 MTBF (MIL-HDBK217F/FN2 GB 20°C)
TAMC220-xxR: 268000h
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-08-17
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TAMC220-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TAMC200 TEWS-TAMC200 Datasheet
351Kb / 2P
AMC Carrier for 3 IndustryPacks®
2017-08-17
TAMC200-10R TEWS-TAMC200-10R Datasheet
351Kb / 2P
AMC Carrier for 3 IndustryPacks®
2017-08-17
TAMC200-11R TEWS-TAMC200-11R Datasheet
351Kb / 2P
AMC Carrier for 3 IndustryPacks®
2017-08-17
TAMC200-DOC TEWS-TAMC200-DOC Datasheet
351Kb / 2P
AMC Carrier for 3 IndustryPacks®
2017-08-17
TAMC260 TEWS-TAMC260 Datasheet
228Kb / 2P
PMC-Carrier for AMC
2017-09-20
More results

Similar Description - TAMC220-DOC

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L517D WINBOND-W83L517D_05 Datasheet
847Kb / 133P
LPC I/O for Notebook
logo
Advantech Co., Ltd.
IPC-603MB ADVANTECH-IPC-603MB Datasheet
1Mb / 2P
2U 3-Slot Rackmount Chassis for ATX/MicroATX Motherboard with Front I/O
PCLD-786 ADVANTECH-PCLD-786 Datasheet
514Kb / 1P
8-ch SSR I/O Module Carrier Board
IPC-603MB ADVANTECH-IPC-603MB_12 Datasheet
2Mb / 2P
2U 3-Slot Rackmount Chassis for ATX/MicroATX Motherboard with Front I/O
logo
Tripp Lite. All Rights ...
RELAYIOMINI TRIPPLITE-RELAYIOMINI Datasheet
507Kb / 2P
3 Relay I-O Mini-module
logo
Advantech Co., Ltd.
ADAM-5000ECAT ADVANTECH-ADAM-5000ECAT_15 Datasheet
223Kb / 1P
4-slot Distributed High Speed I/O System for EtherCAT
IPC-603 ADVANTECH-IPC-603_15 Datasheet
1Mb / 2P
2U 3-Slot Rackmount Chassis for ATX/ MicroATX Motherboard with Front I/O
logo
ON Semiconductor
LC709006A ONSEMI-LC709006A Datasheet
121Kb / 14P
I/O-Expander for Microcontroller
May, 2013 Ver.1.2
logo
Advantech Co., Ltd.
IPC-603 ADVANTECH-IPC-603_V01 Datasheet
1Mb / 2P
2U 3-Slot Rackmount Chassis for ATX/ MicroATX Motherboard with Front I/O
20-Feb-2020
logo
Intel Corporation
313057-024 INTEL-313057-024 Datasheet
332Kb / 33P
Intel® I/O Controller Hub 8 (ICH8) Family
December 2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com