Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAMC261 Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TAMC261
Description  PMC-Carrier for MTCA.4 Rear-I/O
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TAMC261 Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TAMC261 Datasheet HTML 1Page - TEWS Technologies GmbH TAMC261 Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TAMC261
PMC-Carrier for MTCA.4 Rear-I/O
Application Information
The TAMC261 is a standard Mid-Size/Full-Size AMC.1
(PCI-Express) and MTCA.4 compliant PMC carrier module
that provides one slot for a single-width PMC, used to
build modular, flexible and cost effective I/O solutions for
applications
in
process
control,
medical
systems,
telecommunication and traffic control.
A PI7C9X130 PCIe-to-PCI bridge provides the connection
between primary PCIe link and the secondary PMC slot.
The bridge controls all PCI accesses and the frequency for
the PMC access. PCI is supported up to 64-bit @66MHz
and PCI-X is supported up to 64-bit @133MHz.
The TAMC261 supports front panel I/O, alternatively the
MTCA.4 interface provides access to the PMC P14 back
I/O lines. According to MTCA.4, the TAMC261 provides
two 30-pair ADF connectors at the Zone 3 interface (Rear
I/O) that provide access to all P14 back I/O lines via a
compatible µRTM.
The
TAMC261-2x
additionally
provide
M-LVDS
transceivers connected to AMC port 12-15, port 17-20 and
the TCLKA-D. All control and data lines of the M-LVDS
transceivers are routed to the zone 3 interface, enabling a
mounted PMC to access the AMC port signals via the
µRTM.
The TAMC261 is a versatile solution to upgrade well
known legacy I/O solutions to a high performance form
factor.
According to AMC.0, the TAMC261 provides an IPMI
compliant Module Management Controller (MMC) with
temperature monitoring and hot-swap support.
Technical Information
 Form Factor: PICMG MTCA.4 Module
 Board size: 180.6 mm x 146.5 mm
 Double-width / Mid-Size or Full-Size
 x4 PCIe Link (AMC.1 Type 1 compliant)
 IPMI V1.5 support
 Front Panel LEDs:
 Blue Hot-Swap LED
 Red Power Good LED (LED1)
 Green PMC-Present LED (LED2)
 One PMC site conforming to IEEE 1386.1 (PMC) and
ANSI/VITA 39-2003 (PCI-X for PMCs)
 Rear-I/O access to all 64 P14 back I/O lines via a
compatible RTM (for example TAMC020-TM)
 64-bit PCI @66MHz
 64-bit PCI-X @133MHz
 5V tolerant PCI I/O signaling
 TAMC261-2x: M-LVDS transceivers on AMC port 12-
15, port 17-20 and TCLKA, TCLKB, TCLKC and
TCLKD connected to zone 3 interface
 Operating temperature -40°C to +85°C
 MTBF (MIL-HDBK217F/FN2 GB 20°C)
TAMC261-1x: 281.000 h
TAMC261-2x: 254.000 h
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-09-20
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TAMC261

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TAMC260 TEWS-TAMC260 Datasheet
228Kb / 2P
PMC-Carrier for AMC
2017-09-20
TAMC260-10R TEWS-TAMC260-10R Datasheet
228Kb / 2P
PMC-Carrier for AMC
2017-09-20
TAMC260-11R TEWS-TAMC260-11R Datasheet
228Kb / 2P
PMC-Carrier for AMC
2017-09-20
TAMC260-20R TEWS-TAMC260-20R Datasheet
228Kb / 2P
PMC-Carrier for AMC
2017-09-20
TAMC260-21R TEWS-TAMC260-21R Datasheet
228Kb / 2P
PMC-Carrier for AMC
2017-09-20
More results

Similar Description - TAMC261

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L517D WINBOND-W83L517D_05 Datasheet
847Kb / 133P
LPC I/O for Notebook
logo
Holtek Semiconductor In...
HT1620 HOLTEK-HT1620_09 Datasheet
135Kb / 16P
RAM Mapping 324 LCD Controller for I/O MCU
July 27, 2009
logo
Advantech Co., Ltd.
MIC-3951 ADVANTECH-MIC-3951 Datasheet
169Kb / 1P
6U CompactPCI짰 Dual PMC or CMC Carrier Board (64-bit/66 MHz)
PCLD-786 ADVANTECH-PCLD-786 Datasheet
514Kb / 1P
8-ch SSR I/O Module Carrier Board
MIC-3953 ADVANTECH-MIC-3953_14 Datasheet
392Kb / 1P
3U CompactPCI짰 Single PMC Slot Carrier Board
ADAM-5000ECAT ADVANTECH-ADAM-5000ECAT_15 Datasheet
223Kb / 1P
4-slot Distributed High Speed I/O System for EtherCAT
logo
ON Semiconductor
LC709004A ONSEMI-LC709004A Datasheet
118Kb / 13P
I/O-Expander for Microcontroller
May, 2013 Ver.0.22
LC709006A ONSEMI-LC709006A Datasheet
121Kb / 14P
I/O-Expander for Microcontroller
May, 2013 Ver.1.2
logo
Contec Co., Ltd
COM-4CX-USB CONTEC-COM-4CX-USB Datasheet
466Kb / 2P
RS-232C 4 port Serial I/O Unit for USB
logo
Schneider Electric
140DDM69000 SCHNEIDER-140DDM69000 Datasheet
121Kb / 5P
discrete I/O module Modicon Quantum - 4 I - 125 V DC - 4 O solid state
Apr 11, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com