Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAMC260-DOC Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TAMC260-DOC
Description  PMC-Carrier for AMC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TAMC260-DOC Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TAMC260-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TAMC260-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Embedded I/O Company
Order Information
RoHS Compliant
TAMC260-10R
Full-Size PMC-Carrier for AMC, 5V PMC I/O Voltage
TAMC260-11R
Full-Size PMC-Carrier for AMC, 3.3V PMC I/O Voltage
TAMC260-20R
Mid-Size PMC-Carrier for AMC, 5V PMC I/O Voltage
TAMC260-21R
Mid-Size PMC-Carrier for AMC, 3.3V PMC I/O Voltage
For the availability of non-RoHS compliant (leaded solder) products please contact TEWS.
Documentation
TAMC260-DOC User Manual
Related Product
TA307
Cable Kit for Modules with VHD68 Connector
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-09-20
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com