Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAMC260-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TAMC260-DOC
Description  PMC-Carrier for AMC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TAMC260-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TAMC260-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TAMC260-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TAMC260
PMC-Carrier for AMC
Application Information
The TAMC260 is a standard Mid-Size/Full-Size AMC
module that provides one slot for a single-width PMC
module used to build modular, flexible and cost effective I/O
solutions for applications in process control, medical
systems, telecommunication and traffic control.
32 bit PCI accesses are supported on PCI bus with PCI
frequency 33 MHz and also 66 MHz. The PLX8112 PCIe-to-
PCI bridge provides the real connection between primary
PCIe link and the secondary PMC slot. The bridge controls
all PCI accesses and the frequency for the PMC access.
The TAMC260 supports front panel I/O, alternatively a
68 pin SCSI-V type connector provides access to the PMC
P14 back I/O lines.
The TAMC260 is a versatile solution to upgrade well known
legacy I/O solutions to a high performance form factor.
According to AMC.0, the TAMC260 provides an IPMI
compliant Module Management Controller (MMC) with
temperature monitoring and hot-swap support.
Technical Information
 Form Factor: PICMG AMC.1 Module
 Board size: 180.6 mm x 146.5 mm
 Double-width / Mid-Size or Full-Size
 PCIe single lane (1x) port (AMC.1 Type 1 compliant)
 IPMI support
 Front Panel LEDs:
 Blue Hot-Swap LED
 Red Power Good LED (LED1)
 Green PMC-Present LED (LED2)
 One PMC site conforming to PMC standard (IEEE
1386.1)
 Front panel I/O
 P14 back I/O via a 68 pin SCSI-V type connector
 PCI 3.0 compliant interface
 PCI Interface: 33/66 MHz; 32 bit
 5V and 3.3V PCI I/O signaling voltage possible
 Operating temperature -40°C to +85°C
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-09-20
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TAMC260-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TAMC261 TEWS-TAMC261 Datasheet
266Kb / 2P
PMC-Carrier for MTCA.4 Rear-I/O
2017-09-20
TAMC261-10R TEWS-TAMC261-10R Datasheet
266Kb / 2P
PMC-Carrier for MTCA.4 Rear-I/O
2017-09-20
TAMC261-11R TEWS-TAMC261-11R Datasheet
266Kb / 2P
PMC-Carrier for MTCA.4 Rear-I/O
2017-09-20
TAMC261-20R TEWS-TAMC261-20R Datasheet
266Kb / 2P
PMC-Carrier for MTCA.4 Rear-I/O
2017-09-20
TAMC261-21R TEWS-TAMC261-21R Datasheet
266Kb / 2P
PMC-Carrier for MTCA.4 Rear-I/O
2017-09-20
More results

Similar Description - TAMC260-DOC

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0803-6500-01 BEL-0803-6500-01 Datasheet
79Kb / 2P
Slim Line Hybrid for PMC Sierra
0803-6500-03 BEL-0803-6500-03 Datasheet
71Kb / 2P
Slim Line Hybrid for PMC Sierra
0803-6500-07 BEL-0803-6500-07 Datasheet
79Kb / 2P
Slim Line Hybrid for PMC Sierra
logo
Advantech Co., Ltd.
MIC-3951 ADVANTECH-MIC-3951 Datasheet
169Kb / 1P
6U CompactPCI짰 Dual PMC or CMC Carrier Board (64-bit/66 MHz)
logo
List of Unclassifed Man...
ATCA-3420 ETC2-ATCA-3420 Datasheet
572Kb / 2P
Dual AMC bays
logo
PIC GmbH
PMC-1424TS PIC-PMC-1424TS Datasheet
258Kb / 2P
PMC-1424TS
logo
Advantech Co., Ltd.
MIC-3953 ADVANTECH-MIC-3953_14 Datasheet
392Kb / 1P
3U CompactPCI짰 Single PMC Slot Carrier Board
logo
Amphenol RF.
112748 RF-112748 Datasheet
59Kb / 1P
BNC PLUG FOR 1.13MM AMC CABLE
07/03/09
112751 RF-112751 Datasheet
59Kb / 1P
BNC PLUG FOR 1.32MM AMC CABLE
07/03/09
112754 RF-112754 Datasheet
212Kb / 1P
BNC PLUG FOR 1.37MM AMC CABLE
01/07/10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com