Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAMC532-DOC Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TAMC532-DOC
Description  32 x 12/14 Bit 50/75 Msps ADC for MTCA.4 Rear-I/O
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TAMC532-DOC Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TAMC532-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TAMC532-DOC Datasheet HTML 2Page - TEWS Technologies GmbH TAMC532-DOC Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.1.0
2021-09-28
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
Technical Information
Form Factor: PICMG MTCA.4 module
Board size: 180.6 mm x 146.5 mm
Double-width / Mid-Size
Fabric Interconnects
Gigabit Ethernet on AMC Port 0
x4 PCIe Gen 2 Link (AMC.1 Type 4 compliant)
AMC Port 12
x1 Link to µRTM
2 x SFP+ Cage
TCLK A and B support
M-LVDS Transceivers on AMC ports 17-20
Kintex-7 70T FPGA
Integrated PCIe Gen 2 Endpoint Block
Multi-Gigabit transceiver with up to 6.6Gb/sec
Dual FPGA Configuration Flash
2x DDR3 memory
32 bit data bus width each
256 MByte each
Low Jitter Clock distribution and generation
32 x ADC
12 Bit at 75 Msps (TAMC532-10R)
14 Bit at 50 Msps (TAMC532-11R)
±1V differential analog inputs via Zone 3
IPMI V1.5 support
Front Panel LEDs:
Blue Hot-Swap LED
Red Fail LED
Green User LED
MTCA.4 Zone 3 Interface according to Class A2.1
Operating Temperature: 0°C to +70°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com