Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAMC532-DOC Datasheet(PDF) 3 Page - TEWS Technologies GmbH

Part # TAMC532-DOC
Description  32 x 12/14 Bit 50/75 Msps ADC for MTCA.4 Rear-I/O
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TAMC532-DOC Datasheet(HTML) 3 Page - TEWS Technologies GmbH

  TAMC532-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TAMC532-DOC Datasheet HTML 2Page - TEWS Technologies GmbH TAMC532-DOC Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.1.0
2021-09-28
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
Order Information
RoHS Compliant
TAMC532-10R
Kintex-7 70T, 2 x 256 MByte at 32 Bit DDR3, 32 x 12 Bit 75 Msps ADC
TAMC532-11R
Kintex-7 70T, 2 x 256 MByte at 32 Bit DDR3, 32 x 14 Bit 50 Msps ADC
Optional available on request:
Operating temperature -40°C to +85°C
Faster FPGA speed grades
Other FPGA logic densities:
o
Kintex-7 160T
o
Kintex-7 325T
o
Kintex-7 410T
Memory options:
o
Kintex-7 70T:
2 x 512 MByte at 32 Bit / 2 x 1 GByte at 32 Bit
o
Kintex-7 160T / 325T / 410T: 2 x 1 GByte at 64 Bit / 2 x 2 GByte at 64 Bit
For the availability of non-RoHS compliant (leaded solder) products please contact TEWS.
Documentation
TAMC532-DOC
User Manual
Software
TAMC532-SW-25
Integrity Software Support
TAMC532-SW-42
VxWorks Software Support
TAMC532-SW-65
Windows Software Support
TAMC532-SW-82
Linux Software Support
TAMC532-SW-95
QNX Software Support
For other operating systems please contact TEWS.
Related Products
TAMC532-TM-10R µRTM for TAMC532
Accessories
TA900-10R
Program and Debug Box, USB, JTAG, 20pin FPC connector, including USB A-USB B and FPC
Flexcable



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com