Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAMC863-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TAMC863-DOC
Description  4 Channel High Speed Synch/Asynch Serial Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TAMC863-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TAMC863-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TAMC863-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TAMC863 4 Channel High Speed Synch/Asynch Serial Interface
Application Information
The TAMC863 is a standard single Mid-Size/Full-Size
AMC.1 compliant module with four high speed serial data
communication channels.
The serial communication controller is implemented in
FPGA logic, along with a bus master capable PCI
interface, guaranteeing long term availability with the
option to implement additional functions in the future. The
FPGA is connected to the PCI Express interface via a PCI
Express to PCI bridge.
Each channel has a receive and a transmit FIFO of 512
long words (32 bit) per channel for high data throughput.
Data transfer on the PCI bus is handled via TAMC863
initiated DMA cycles with minimum host/CPU intervention.
Several serial communication protocols are supported by
each
channel,
such
as
asynchronous,
isochronous,
synchronous and HDLC mode.
A 14.7456 MHz oscillator provides standard asynchronous
baud rates. An additional 24 MHz oscillator is provided for
other baud rates. A 10 MHz oscillator is used for the
synchronous baud rate of 10 Mbit/s.
Each channel also provides various interrupt sources,
generated on INTA. The interrupt sources can be enabled
or disabled individually.
Multiprotocol transceivers are used for the line interface.
The
physical
interface
is
selectable
by
software,
individually for each channel as EIA-232, EIA-422,
EIA-449, EIA-530, EIA-530A, V.35, V.36 or X.21.
The following signals are provided by the TAMC863 for
each channel at the front I/O connector: Receive Data
(RxD +/-),
Transmit
Data
(TxD +/-),
Receive
Clock
(RxC +/-),
Transmit
Clock
(TxC +/-),
Ready-To-Send
(RTS +/-),
Clear-To-Send
(CTS +/-),
Carrier-Detect
(CD +/-) and GND. Additionally, serial channel 3 provides
Data-Set-Ready (DSR3 +/-)
and Data-Terminal-Ready
(DTR3 +/-).
Technical Information
 Form Factor: PCIMG AMC.1 Module
 Board size: 180.6 mm x 73.5 mm
 Single Mid-Size / Full-Size
 PCIe single lane (x1) port (AMC.1 Type 1 compliant)
 IPMI Support
 Front Panel LEDs:
 Blue Hot-Swap LED
 Red Failure LED (LED1)
 Green Power Good LED (LED 2)
 Four high speed synchronous/asynchronous serial
interfaces
 Support of RxD, TxD, RxC, TxC, RTS, CTS, CD and
GND on front connector, DTR3 and DSR3 on channel
3 only
 Physical interface (individually programmable per
channel):
EIA-232, EIA-422, EIA-449, EIA-530, EIA-530A, V.35,
V.36 and X.21
 Maximum data rate: 10 Mbit/s (synchronous),
2 Mbit/s (asynchronous), internal or external provided
clock
 EIA-232: up to 115.2 kbit/s
 Temperature range: -40°C to +85°C
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-09-13
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TAMC863-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TAMC890 TEWS-TAMC890 Datasheet
279Kb / 2P
16 Port Gigabit Ethernet Switch
2017-08-17
TAMC890-10R TEWS-TAMC890-10R Datasheet
279Kb / 2P
16 Port Gigabit Ethernet Switch
2017-08-17
TAMC890-11R TEWS-TAMC890-11R Datasheet
279Kb / 2P
16 Port Gigabit Ethernet Switch
2017-08-17
TAMC890-DOC TEWS-TAMC890-DOC Datasheet
279Kb / 2P
16 Port Gigabit Ethernet Switch
2017-08-17
More results

Similar Description - TAMC863-DOC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4S009 TI-TPD4S009 Datasheet
698Kb / 12P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009_1 Datasheet
706Kb / 12P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009_10 Datasheet
1Mb / 17P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009_101 TI-TPD4S009_101 Datasheet
1Mb / 18P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Unisonic Technologies
UESD4C05R UTC-UESD4C05R Datasheet
134Kb / 4P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Texas Instruments
TPD4S009 TI1-TPD4S009_14 Datasheet
1Mb / 20P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Rohm
BU17074KV ROHM-BU17074KV Datasheet
668Kb / 9P
High-speed differential serial interface
logo
Unisonic Technologies
TVS4S009 UTC-TVS4S009 Datasheet
142Kb / 4P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Melexis Microelectronic...
MLX90363 MELEXIS-MLX90363 Datasheet
1Mb / 57P
Triaxis짰 Magnetometer IC With High Speed Serial Interface
logo
Pulse A Technitrol Comp...
TM1250HSB5 PULSE-TM1250HSB5 Datasheet
693Kb / 4P
High Speed Serial Transceiver Line Interface Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com