Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAMC890-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TAMC890-DOC
Description  16 Port Gigabit Ethernet Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TAMC890-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TAMC890-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TAMC890-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TAMC890
16 Port Gigabit Ethernet Switch
Application Information
The TAMC890 is a standard single width Mid-Size / Full-
Size AMC.2 compliant 16 Port gigabit Ethernet Switch.
The TAMC890 supports four RJ45 front panel ports which
are compliant to IEEE 802.3ab for 10BaseT, 100BaseTX
and IEEE 802.3ab for 1000BaseT via CAT5 TP cable and
12 1.25G-SerDes/SGMII ports which are connected to the
AMC backplane connector.
The TAMC890 is AMC.2 Type E2 and Type 4 compliant.
The auto-sensing and auto-negotiation function detect and
configure automatically the data rate and the duplex
mode.
The
functionality
of
the
TAMC890
based
on
the
unmanaged Broadcom BCM5396 Gigabit Ethernet switch.
Front panel RJ45 ports are galvanically isolated from the
transceiver and switch.
Each channel provides a front panel LEDs to indicate the
different network activities.
The operating temperature range is 0°C to +70°C.
Technical Information
 Form Factor: PCIMG AMC.1 Module
 Board size: 180.6mm x 73.5mm
 Single width
 Mid-Size/Full-Size front panel
 Fabric Interface:
 AMC.2 Type E2 and Type 4 Interface
 6 additional GbE Ports on AMC port 12-15, 17
and 18
 IPMI V1.5 Support
 Front Panel LEDs:
 Blue Hot-Swap LED
 Red Fail LED (LED1)
 Green Power LED (LED 2)
 16 x Link / Status LED
 4 front panel RJ45 connectors
 16-Channel 10/100/1000BaseTX Ethernet-Switch
Broadcom BCM5396
 Auto-Sensing und Auto-Negotiation
 Integrated address management
 9KB Jumbo Frames
 4K VLAN
 Operating temperature 0°C to +70°C
 MTBF (MIL-HDBK217F/FN2 GB 20°C)
TAMC890: 5240000h
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-08-17
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TAMC890-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TAMC863 TEWS-TAMC863 Datasheet
224Kb / 2P
4 Channel High Speed Synch/Asynch Serial Interface
2017-09-13
TAMC863-10R TEWS-TAMC863-10R Datasheet
224Kb / 2P
4 Channel High Speed Synch/Asynch Serial Interface
2017-09-13
TAMC863-11R TEWS-TAMC863-11R Datasheet
224Kb / 2P
4 Channel High Speed Synch/Asynch Serial Interface
2017-09-13
TAMC863-DOC TEWS-TAMC863-DOC Datasheet
224Kb / 2P
4 Channel High Speed Synch/Asynch Serial Interface
2017-09-13
More results

Similar Description - TAMC890-DOC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83016 NSC-DP83016 Datasheet
168Kb / 4P
Falcon Switch 16-port Gigabit Ethernet Switch Engine
logo
Advantech Co., Ltd.
EKI-5726F ADVANTECH-EKI-5726F_15 Datasheet
433Kb / 2P
16-port2 SFP Gigabit Ethernet ProView Switch
logo
Axiomtek Co., Ltd.
EX78900 AXIOMTEK-EX78900 Datasheet
619Kb / 5P
Hardened Managed 16-port Gigabit Ethernet Switch
logo
Level One
GEU-1621 LVL1-GEU-1621 Datasheet
323Kb / 3P
16-Port Gigabit Ethernet Switch
GSW-1657 LVL1-GSW-1657 Datasheet
544Kb / 2P
16-Port Gigabit Ethernet Switch
logo
Advantech Co., Ltd.
EKI-5726-AE ADVANTECH-EKI-5726-AE Datasheet
432Kb / 2P
16-port Gigabit Ethernet ProView Switch
EKI-5726F-AE ADVANTECH-EKI-5726F-AE Datasheet
495Kb / 2P
16-port2 SFP Gigabit Ethernet ProView Switch
EKI-5726FI-AE ADVANTECH-EKI-5726FI-AE Datasheet
495Kb / 2P
16-port2 SFP Gigabit Ethernet ProView Switch
logo
ORing Industrial Networ...
IGS-9844GPF ORING-IGS-9844GPF Datasheet
2Mb / 6P
Industrial 16-port managed Gigabit Ethernet switch
logo
Advantech Co., Ltd.
EKI-5726 ADVANTECH-EKI-5726 Datasheet
415Kb / 2P
16-port Gigabit Ethernet ProView Switch
16-Aug-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com