Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAMC900-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TAMC900-DOC
Description  AMC with 8 high Speed ADCs 105 MSps, 14 Bit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TAMC900-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TAMC900-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TAMC900-DOC Datasheet HTML 2Page - TEWS Technologies GmbH TAMC900-DOC Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The Embedded I/O Company
TAMC900
AMC with 8 high Speed ADCs 105 MSps, 14 Bit
Figure 1: TAMC900 with TAMC900-A1 mounted
Application Information
The TAMC900 is a high speed, high performance analog
to digital converter AdvancedMC. In addition to the eight
high speed ADCs, it provides excessive preprocessing
power by a Virtex-5 FPGA and high speed on board
memory for e.g. full bandwidth snapshots.
A Virtex-5 LX30T is assembled on the TAMC900-10R.
The TAMC900-25R is assembled with a Virtex-5 SX35T.
AMC Port 4-11 on the TAMC900-10R or Port 0, 1 and 4-9
on the TAMC900-25R can be used to transmit the ADC
data to the CPU.
To
adapt
the
TAMC900
to
different
customer
requirements, the TAMC900 is equipped with a Signal
Conditioning Adapter (SiCA) that contains the front panel
with the connectors for the analog inputs, clock and trigger
inputs and the analog signal conditioning.
The TAMC900 provides three clock inputs and three
trigger inputs. The three external clock inputs and the
PCIe reference clock are routed to a flexible clocking
scheme that allows independent clocking of the ADCs in
two groups. The trigger inputs are routed to the FPGA.
Eight LTC2254 ADCs provide up to 105 MSps and 14 bit
resolution each. The minimum sample rate is 1 Msps.
4 MByte high speed on board QDR-II SRAM enables
snapshots of all ADCs at full speed and full resolution for
2ms.
According to AMC.0, the TAMC900 provides an IPMI
compliant Module Management Controller (MMC) with
temperature monitoring and hot-swap support.
The TAMC900 is delivered with a basic firmware, which
allows gathering ADC data from all channels, triggering,
clock configuration, and uses a PCIe x4 Link (AMC Port 4-
7) to transmit ADC data to the CPU. Driver and Example
Application for the basic firmware are available for
different operating systems.
Figure 2: TAMC900
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 2.0.1
2017-09-14
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TAMC900-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TAMC002-TM TEWS-TAMC002-TM Datasheet
121Kb / 2P
MTCA.4 Rear-I/O μRTM for TAMC220
2017-08-17
TAMC002-TM TEWS-TAMC002-TM Datasheet
171Kb / 2P
3 Slot IndustryPack® Carrier for MTCA.4 Rear-I/O
2017-08-17
TAMC002-TM-10R TEWS-TAMC002-TM-10R Datasheet
121Kb / 2P
MTCA.4 Rear-I/O μRTM for TAMC220
2017-08-17
TAMC002-TM-11R TEWS-TAMC002-TM-11R Datasheet
121Kb / 2P
MTCA.4 Rear-I/O μRTM for TAMC220
2017-08-17
TAMC002-TM-DOC TEWS-TAMC002-TM-DOC Datasheet
121Kb / 2P
MTCA.4 Rear-I/O μRTM for TAMC220
2017-08-17
More results

Similar Description - TAMC900-DOC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7824 MAXIM-MX7824 Datasheet
106Kb / 12P
CMOS, High-Speed, 8-Bit ADCs with Multiplexer
logo
Hittite Microwave Corpo...
HMCAD1520 HITTITE-HMCAD1520 Datasheet
2Mb / 36P
High Speed Multi-Mode 8/12/14-Bit 1000/640/105 MSPS A/D Converter
logo
Analog Devices
AD9253 AD-AD9253 Datasheet
1Mb / 40P
Quad, 14-Bit, 80 MSPS/105 MSPS/125 MSPS
REV. 0
AD9255BCPZRL7-80 AD-AD9255BCPZRL7-80 Datasheet
1Mb / 44P
14-Bit, 125 MSPS/105 MSPS/80 MSPS
REV. C
AD6645ASQ-105 AD-AD6645ASQ-105 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQZ-105 AD-AD6645ASQZ-105 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-80 AD-AD6645ASVZ-80 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-105 AD-AD6645ASVZ-105 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQZ-80 AD-AD6645ASQZ-80 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645_15 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com