Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCP010-TM-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TCP010-TM-DOC
Description  Transition Module for 3U cPCI IP Carrier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TCP010-TM-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TCP010-TM-DOC Datasheet HTML 1Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The Embedded I/O Company
TCP010-TM
Transition Module for 3U cPCI IP Carrier
Application Information
The TCP010-TM is a Transition Module to be used with 3U
cPCI IP carrier, providing easy access to the IP I/O lines of
cPCI IP carrier with back I/O.
It distributes all 100 IP I/O lines from the cPCI RJ2
connector to two 50 pin ribbon cable connectors allowing
easy rack internal wiring.
The TCP010-TM has no front panel.
The operating temperature range is -40°C to +85°C.
Technical Information
 Form Factor: cPCI 3U Rear Transition Module
 I/O Routing:
 I/O lines are accessible via two 50 pin ribbon cable
connectors
 No front panel
 Operating temperature: -40°C to +85°C
Technical Information
RoHS Compliant
TCP010-TM-10R
3U Transition Module for IndustryPack Carrier, 50pin ribbon cable connectors (rack internal)
For the availability of non-RoHS compliant (leaded solder) products please contact TEWS.
Documentation
TCP010-TM-DOC
User Manual
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-09-20
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TCP010-TM-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TCP010-TM TEWS-TCP010-TM Datasheet
243Kb / 2P
CompactPCI Carrier for 2 IndustryPacks®
2017-08-17
More results

Similar Description - TCP010-TM-DOC

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100100930001 ERNI-100100930001 Datasheet
196Kb / 1P
ERMET MANOBLACK CPCI
logo
Advantech Co., Ltd.
MIC-3953 ADVANTECH-MIC-3953_14 Datasheet
392Kb / 1P
3U CompactPCI짰 Single PMC Slot Carrier Board
ASR-5300I-16A1E ADVANTECH-ASR-5300I-16A1E Datasheet
396Kb / 2P
3U 16-bay IP-SAN Storage with Reinforced Reliability for Surveillance
logo
HITRON ELECTRONICS CORP...
HARC255P-490 HITRON-HARC255P-490 Datasheet
250Kb / 2P
300W 3U X 8HP CPCI Package
HDRC255P-110J-490 HITRON-HDRC255P-110J-490 Datasheet
249Kb / 2P
310W 3U X 8HP CPCI Package
logo
Prosoft-Technology
MVI69-DFNT PROSOFT-MVI69-DFNT Datasheet
412Kb / 3P
EtherNet/IP Communication Module for CompactLogix
logo
Advantech Co., Ltd.
MIC-3810 ADVANTECH-MIC-3810 Datasheet
518Kb / 1P
3U CompactPCI® Serial PCIe Carrier Board
13-Dec-2021
MIC-3820 ADVANTECH-MIC-3820 Datasheet
349Kb / 1P
3U CompactPCI® Serial SATA Carrier Board
15-Jul-2022
MIC-6130 ADVANTECH-MIC-6130 Datasheet
431Kb / 1P
3U OpenVPX PCIe/ SATA M.2 carrier
17-Jun-2019
MIC-6131 ADVANTECH-MIC-6131 Datasheet
555Kb / 1P
3U OpenVPX XMC carrier
17-Jun-2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com