Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMXAT06 Datasheet(PDF) 3 Page - TEMEX

Part # TMXAT06
Description  SAW Bandpass Filter - Telecom - IF
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

TMXAT06 Datasheet(HTML) 3 Page - TEMEX

  TMXAT06 Datasheet HTML 1Page - TEMEX TMXAT06 Datasheet HTML 2Page - TEMEX TMXAT06 Datasheet HTML 3Page - TEMEX TMXAT06 Datasheet HTML 4Page - TEMEX TMXAT06 Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TMX AT06
SAW Bandpass Filter – Telecom - IF
Preliminary Specification (Rev.1)- IF
Preliminary Specification (Rev 1)
February 17
th, 2006
2
Technical Characteristics
Reference Temperature : +25°C
Electrical Parameters
Unit
Minimum
Typical
(1)
Maximum
Source Impedance (single)
Ohms
-
50
-
Load Impedance (single)
Ohms
-
50
-
Center Frequency fc
MHz
-
190
-
Bandwidth at 1dB
MHz
10
15
-
Bandwidth at 3dB
MHz
-
18
-
Relative Attenuation from minimum insertion loss
DC to 100 MHz
dB
45
55
-
100 MHz to 149 MHz
dB
30
35
-
231 MHz to 250 MHz
dB
30
35
-
250 MHz to 300 MHz
dB
45
50
-
Maximum Insertion Loss within 185MHz~195MHz
dB
-
8
10
Ripple within 185MHz~195MHz
dB
-
0.8
1
Group Delay within 185MHz~195MHz
ns
-
46
100
Matching Network



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com