Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMXAT06 Datasheet(PDF) 1 Page - TEMEX

Part # TMXAT06
Description  SAW Bandpass Filter - Telecom - IF
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

TMXAT06 Datasheet(HTML) 1 Page - TEMEX

  TMXAT06 Datasheet HTML 1Page - TEMEX TMXAT06 Datasheet HTML 2Page - TEMEX TMXAT06 Datasheet HTML 3Page - TEMEX TMXAT06 Datasheet HTML 4Page - TEMEX TMXAT06 Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SAW Filters
Features................................................................................... P01
Package Drawing & Pin out .................................................... P01
Technical Characteristics ....................................................... P02
Matching Network .................................................................. P02
Nominal Response.................................................................. P03
Maximum Ratings.................................................................... P04
Marking & Packaging .............................................................. P04
TMX AT06
SAW Bandpass Filter – Telecom - IF
Preliminary Specification (Rev 1)


Similar Part No. - TMXAT06

ManufacturerPart #DatasheetDescription
logo
TEMEX
TMXAT01 TEMEX-TMXAT01 Datasheet
281Kb / 5P
SAW Bandpass Filter - DVB-C - RF
logo
Rakon Limited
TMXAT03 RAKON-TMXAT03 Datasheet
424Kb / 4P
SAW Bandpass Filters | DVB-C - RF
23 December 2022
TMXAT04 RAKON-TMXAT04 Datasheet
400Kb / 4P
SAW Bandpass Filters | Wireless Communications
20 December 2022
More results

Similar Description - TMXAT06

ManufacturerPart #DatasheetDescription
logo
EPCOS
X7001L EPCOS-X7001L Datasheet
64Kb / 6P
SAW Components IF Bandpass Filter
logo
TEMEX
TMXW346 TEMEX-TMXW346 Datasheet
260Kb / 5P
SAW Bandpass Filter - Satellite Receiver - IF
TMXW345 TEMEX-TMXW345 Datasheet
274Kb / 5P
SAW Bandpass Filter - Satellite Receiver - IF
logo
Oscilent Corporation
807-SL96.0M-22A OSCILENT-807-SL96.0M-22A Datasheet
231Kb / 5P
96.0MHz IF SAW Bandpass Filter 22.0MHz Bandwidth
807-SL110.0M-A OSCILENT-807-SL110.0M-A Datasheet
199Kb / 6P
110.0MHz IF SAW Bandpass Filter
862-SL120.0M-A OSCILENT-862-SL120.0M-A Datasheet
117Kb / 4P
120MHz IF SAW Bandpass Filter
logo
Transko Electronics, In...
TL110AS TRANSKO-TL110AS Datasheet
659Kb / 4P
110.00 MHz IF SAW Bandpass Filter
Revision 3: 21 May 2008
TL110BS TRANSKO-TL110BS Datasheet
616Kb / 4P
110.5920 MHz IF SAW Bandpass Filter
Revision 1: 06 Jan. 2012
TL110CS TRANSKO-TL110CS Datasheet
650Kb / 4P
110.5920 MHz IF SAW Bandpass Filter
Revision 1: 08 Feb. 2012
TL120AM1 TRANSKO-TL120AM1 Datasheet
391Kb / 3P
120.00 MHz IF SAW Bandpass Filter
Revision 0:
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com