Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25PE20VP Datasheet(PDF) 32 Page - STMicroelectronics

Part # 25PE20VP
Description  1 and 2 Mbit, low voltage, Page-Erasable Serial Flash memories with Byte-Alterability, 50 MHz SPI bus, standard pinout
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

25PE20VP Datasheet(HTML) 32 Page - STMicroelectronics

Back Button 25PE20VP Datasheet HTML 28Page - STMicroelectronics 25PE20VP Datasheet HTML 29Page - STMicroelectronics 25PE20VP Datasheet HTML 30Page - STMicroelectronics 25PE20VP Datasheet HTML 31Page - STMicroelectronics 25PE20VP Datasheet HTML 32Page - STMicroelectronics 25PE20VP Datasheet HTML 33Page - STMicroelectronics 25PE20VP Datasheet HTML 34Page - STMicroelectronics 25PE20VP Datasheet HTML 35Page - STMicroelectronics 25PE20VP Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
Instructions
M25PE20, M25PE10
32/60
6.8
Read Lock Register (RDLR)
Note:
The Read Lock Register (RDLR) instruction is decoded only in the T9HX process (see
Important note on page 6).
The device is first selected by driving Chip Select (S) Low. The instruction code for the Read
Lock Register (RDLR) instruction is followed by a 3-byte address (A23-A0) pointing to any
location inside the concerned sector (or subsector). Each address bit is latched-in during
the rising edge of Serial Clock (C). Then the value of the Lock Register is shifted out on
Serial Data Output (Q), each bit being shifted out, at a maximum frequency fC, during the
falling edge of Serial Clock (C).
The instruction sequence is shown in Figure 15.
The Read Lock Register (RDLR) instruction is terminated by driving Chip Select (S) High at
any time during data output.
Any Read Lock Register (RDLR) instruction, while an Erase, Program or Write cycle is in
progress, is rejected without having any effects on the cycle that is in progress.
Figure 15.
Read Lock Register (RDLR) instruction sequence and data-out Sequence
Table 11.
Lock Registers
Bit
Bit Name
Value
Function
b7-b4
Reserved
b1
Sector Lock
Down
‘1’
The Write Lock and Lock Down Bits cannot be changed. Once a
‘1’ is written to the Lock Down Bit it cannot be cleared to ‘0’,
except by a Reset or power-up.
‘0’
The Write Lock and Lock Down Bits can be changed by writing
new values to them. (Default value).
b0
Sector Write
Lock
‘1’
Write, Program and Erase operations in this sector will not be
executed. The memory contents will not be changed.
‘0’
Write, Program and Erase operations in this sector are executed
and will modify the sector contents. (Default value).
C
D
AI10783
S
Q
23
2
1
3456789 10
28 29 30 31 32 33 34 35
22 21
3210
36 37 38
76543
1
0
High Impedance
Lock Register Out
Instruction
24-Bit Address
0
MSB
MSB
2
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com