Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25PE20VP Datasheet(PDF) 46 Page - STMicroelectronics

Part # 25PE20VP
Description  1 and 2 Mbit, low voltage, Page-Erasable Serial Flash memories with Byte-Alterability, 50 MHz SPI bus, standard pinout
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

25PE20VP Datasheet(HTML) 46 Page - STMicroelectronics

Back Button 25PE20VP Datasheet HTML 42Page - STMicroelectronics 25PE20VP Datasheet HTML 43Page - STMicroelectronics 25PE20VP Datasheet HTML 44Page - STMicroelectronics 25PE20VP Datasheet HTML 45Page - STMicroelectronics 25PE20VP Datasheet HTML 46Page - STMicroelectronics 25PE20VP Datasheet HTML 47Page - STMicroelectronics 25PE20VP Datasheet HTML 48Page - STMicroelectronics 25PE20VP Datasheet HTML 49Page - STMicroelectronics 25PE20VP Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
Reset
M25PE20, M25PE10
46/60
8
Reset
Driving Reset (Reset) Low while an internal operation is in progress will affect this operation
(write, program or erase cycle) and data may be lost.
All the Lock bits are reset to 0 after a Reset Low pulse.
Table 14 shows the status of the device after a Reset Low pulse.
Table 14.
Device status after a Reset Low pulse
Conditions:
Reset pulse occurred
Lock bits status
Internal logic
status
Addressed data
While decoding an instruction(1): WREN,
WRDI, RDID, RDSR, READ, RDLR,
Fast_Read, WRLR, PW, PP, PE, SE, BE,
SSE, DP, RDP
1.
S remains Low while Reset is Low.
Reset to 0
Same as POR
Not significant
Under completion of an Erase or Program
cycle of a PW, PP, PE, SSE, SE, BE
operation
Reset to 0
Equivalent to
POR
Addressed data
could be modified
Under completion of a WRSR operation
Reset to 0
Equivalent to
POR (after tW)
Write is correctly
completed
Device deselected (S High) and in Standby
mode
Reset to 0
Same as POR
Not significant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com