Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951CS Datasheet(PDF) 3 Page - First Components International

Part # LP2951CS
Description  150mA Low Drop Out Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LP2951CS Datasheet(HTML) 3 Page - First Components International

  LP2951CS Datasheet HTML 1Page - First Components International LP2951CS Datasheet HTML 2Page - First Components International LP2951CS Datasheet HTML 3Page - First Components International LP2951CS Datasheet HTML 4Page - First Components International LP2951CS Datasheet HTML 5Page - First Components International LP2951CS Datasheet HTML 6Page - First Components International LP2951CS Datasheet HTML 7Page - First Components International LP2951CS Datasheet HTML 8Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ERROR Comparator
Output Leakage Current
Voh = 30V
0.01
1
0.01
1
1
µA
Output Low Voltage
Vin = 4.5V
150
250
150
250
150
250
mV
Iol = 400µA
Upper Threshold Voltage
(Note 8)
40
60
40
60
40
60
mV
Power Threshold Voltage
(Note 8)
75
95
75
95
75
95
mV
Hysteresis
(Note 8)
15
15
15
mV
Shutdown Input
Output Logic Voltage
Low (Regulator ON)
1.3
0.7
1.3
0.7
1.3
0.7
V
High (Regulator OFF)
2
2
2
Shutdown Pin Input
VS = 2.4V
30
50
30
50
30
50
µA
Current
VS = 30V
450
600
450
600
450
600
Regulator Output Current
Vout = 0
3
10
3
10
3
00
µA
in Shutdown
LP2950/LP2951 150mA Low Drop Out Voltage Regulators
PARAMETER
CONDITIONS
LP2950BC
LP2950AC
LP2950C
UNITS
(Note 2)
LP2951BC
LP2951AC
LP2951C
M i n
Typ
Max
M i n
Typ
Max
M i n
Typ
Max
3-3
Note 1: Output or reference voltage temperature coefficients
defined as the worst case voltage change divided by the total
temperature range.
Note 2: Unless otherwise specified all limits guaranteed for
T
J=25
oC, V
in=6V, IL=100µ A and CL=100µ F.
Additional
conditions for the 8-pin versions are feedback tied to 5V tap
output Sense (V
out=5V) and Vshutdown<0.8V.
Note 3: Regulation is measured at constant junction
temperature, using pulse testing with a low duty cycle.
Changes in output voltage due to heating effects are covered
under the specification for thermal regulation.
Note 4: Line regulation for the LP2951 is tested at 150oC
for I
L=1mA. For IL=100µA and TJ=150
oC, line regulation is
guaranteed by design to 0.2%. See typical performance
characteristics for line regulation versus temperature and
load current.
Note 5: Dropout Voltage is defined as the input to output
differential at which the output voltage drops 100mV below
its nominal value measured at 1V differential at very low
value of programmed output voltage, the minimum input
supply voltage of 2V (2.3V over temperature) must be taken
into account.
Note 6: V
ref < Vout < (Vin-1V),
2.3V < V
in < 30V,
100
µA < I
L < 100mA, TJ < TJMAX.
Note 7: Output or reference voltage temperature coefficient
is defined as the worst case voltage change divided by the
total temperature range.
Note 8: Comparator thresholds are expressed in terms of a
voltage differential at the feedbackterminal below the
nominal reference voltage measured at 6V input .
To
express these thresholds in terms of output voltage change,
multiply
by
the
error
amplifier
gain=Vout/Vref=(R1+R2)/R2. For example, at a programmed
output voltage of 5V, the Error output is guaranteed to go
low when the output drops by 95mV X 5V/1.235=384mV.
Thresholds remain constant as a percent of Vout as Vout is
varied with the dropout warning occuring at typically 5%
below nominal, 7.5% guaranteed.
Note 9: V
shutdown>2V, Vin < 30V, Vout = 0, Feedback pin tied to
5V Tap.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com