Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951CS Datasheet(PDF) 1 Page - First Components International

Part # LP2951CS
Description  150mA Low Drop Out Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LP2951CS Datasheet(HTML) 1 Page - First Components International

  LP2951CS Datasheet HTML 1Page - First Components International LP2951CS Datasheet HTML 2Page - First Components International LP2951CS Datasheet HTML 3Page - First Components International LP2951CS Datasheet HTML 4Page - First Components International LP2951CS Datasheet HTML 5Page - First Components International LP2951CS Datasheet HTML 6Page - First Components International LP2951CS Datasheet HTML 7Page - First Components International LP2951CS Datasheet HTML 8Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LP2950/LP2951 150mA Low Drop Out Voltage Regulators
FEATURES
l Output accuracy 5V, 150mA output
l Very low quiescent current
l Low dropout voltage
l Extremely tight load and line regulation
l Very low temperature coefficient
l Need only 1µF for stability
l Unregulated DC input can withstand -20V reverse
battery and +60V positive transients
l Direct replacement for LP2950/LP2951 sockets
TO-92
The LP2950 and LP2951 are
low power voltage regulators. These
devices are an excellent choice for
use in battery powered applications
such as cordless telephone, radio
control
systems,
and
portable
computers.
The
LP2950
and
LP2951
feature very low quiescent current
(75
µA Typ.) and very low drop
output voltage (Typ. 40
µV at light
load and 380mV at 100mA). This
includes a tight initial tolerance of
0.5% typ., extremely good load and
PINARRANGEMENT
PRODUCT DESCRIPTION
line regulation 0.05% typ. and very
low output temperature coefficient,
making the LP2950/LP2951 useful
as a low power voltage reference.
Other key additional feature of this
unregulated input voltage transient of
-20V below ground (reverse battery).
The error flag output feature is
used as power-on reset for warn of a
low output voltage, due to following
batteries on input. Other feature is
the logic compatible shutdown input
which enabled\s the regulator to be
switched on and off. The LP2950 is
offered in 3-pin TO-92 package
compatible
with
other
5
volt
regulators. The LP2951 is available
in 8-pin plastic, SOP-8 package.
The regulator output voltage
may be pin-strapped for a 5 volt of
programmed from 1.24 volt to 29
volts with external pair of resistors.
Using of as design, processing and
testing techniques make our LP2950
and LP2951 superior over similar
products.
APPLICATIONS
l Battery powered systems
l Cordless telephones
l Radio control systems
l Portable/Palmtop/Notebook computers
l Portable consumer equipment
l Portable instrumentation
l Avionics
l Automotive electronics
l SMPS Post-Regulator
l Voltage reference
LP2951 VERSIONS ONLY
l Error flag warns of output dropout
l Logic-Controlled electronic shutdown
l Output programmable from 1.24 to 29V
PIN: 1. OUTPUT
2. SENSE
3. SHUTDOWN
4. GROUND
5. ERROR
6. 5V TAP
7. FEEDBACK
8. INPUT
PIN: 1. OUTPUT
2. GND
3. INPUT
SOP-8
ORDERINGINFORMATION
TO-92
PLASTIC
OPER.
3-PIN
SOP 8-PIN
TEMP.
LP2950CT
IND.
LP2950ACT
IND.
LP2950BCT
IND.
LP2951CS
IND.
LP2951ACS
IND.
LP2951BCS
IND.
3-1


Similar Part No. - LP2951CS

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
LP2951CS-3 ADMOS-LP2951CS-3 Datasheet
142Kb / 14P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
LP2951CS-3-3 SIPEX-LP2951CS-3-3 Datasheet
812Kb / 15P
100mA Low Dropout Voltage Regulators
logo
Exar Corporation
LP2951CS-3-3 EXAR-LP2951CS-3-3 Datasheet
835Kb / 16P
100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
Sipex Corporation
LP2951CS-3-3/TR SIPEX-LP2951CS-3-3/TR Datasheet
812Kb / 15P
100mA Low Dropout Voltage Regulators
logo
Exar Corporation
LP2951CS-3-3/TR EXAR-LP2951CS-3-3/TR Datasheet
835Kb / 16P
100mA, LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - LP2951CS

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
LOW DROP OUT VOLTAGE REGULATOR
logo
Calogic, LLC
CLM2930 CALOGIC-CLM2930 Datasheet
84Kb / 4P
150mA Low Dropout Voltage Regulators
logo
Taiwan Semiconductor Co...
TS4264 TSC-TS4264 Datasheet
145Kb / 5P
150mA Ultra Low Drop Out Voltage Regulator
TS4264G TSC-TS4264G Datasheet
145Kb / 5P
150mA Ultra Low Drop Out Voltage Regulator
TS4266G TSC-TS4266G Datasheet
117Kb / 4P
150mA Ultra Low Drop Out Voltage Regulator with Inhibit
logo
Stanson Technology
ST6206 STANSON-ST6206 Datasheet
297Kb / 8P
Low ESR Low Drop Out Voltage Regulators
logo
ams AG
AS1367 AMSCO-AS1367 Datasheet
1Mb / 14P
150mA, Adaptive Low Drop-Out Linear Regulator
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
logo
First Components Intern...
LP2951 FCI-LP2951 Datasheet
122Kb / 3P
100mA Low Drop Out Voltage Regulators Portable consumer equipment
logo
Texas Instruments
TPS76715-Q1 TI1-TPS76715-Q1 Datasheet
494Kb / 25P
FAST-TRANSIENT-RESPONSE 1-A LOW-DROP OUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com