Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR99 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BFR99
Description  ABSOLUTE MAXIMUM RATINGS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BFR99 Datasheet(HTML) 1 Page - STMicroelectronics

  BFR99 Datasheet HTML 1Page - STMicroelectronics BFR99 Datasheet HTML 2Page - STMicroelectronics BFR99 Datasheet HTML 3Page - STMicroelectronics BFR99 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BFR99
October 1988
DESCRIPTION
The BFR99 is a silicon planar epitaxial PNP transistor
in Jedec TO-72 metal case, particularly designed for
wide band common-emitter linear amplifier applica-
tions up to 1GHz. It features high fT, low reverse ca-
pacitance, good cross-modulation properties and
low noise.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Unit
VCBO
Collector–base Voltage (I E =0)
– 25
V
VCEO
Collector–emitter Voltage (IB =0)
– 25
V
VEBO
Emitter–base Voltage (I C =0)
– 3
V
I C
Collector Current
– 50
mA
Pto t
Total Power Dissipation at T amb
≤ 25 °C
at T case ≤ 25 °C
225
360
mW
mW
T stg,Tj
Storage and Junction Temperature
– 55 to 200
°C
TO-72
INTERNAL SCHEMATIC DIAGRAM
1/4


Similar Part No. - BFR99

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFR90 VISHAY-BFR90 Datasheet
126Kb / 9P
Silicon NPN Planar RF Transistor
20-Jan-99
logo
Microsemi Corporation
BFR90 MICROSEMI-BFR90 Datasheet
171Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Advanced Power Technolo...
BFR90 ADPOW-BFR90 Datasheet
120Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
TEMIC Semiconductors
BFR90A TEMIC-BFR90A Datasheet
70Kb / 6P
Silicon NPN Planar RF Transistor
logo
Vishay Siliconix
BFR90A VISHAY-BFR90A Datasheet
157Kb / 9P
Silicon NPN Planar RF Transistor
08-Sep-08
More results

Similar Description - BFR99

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N5221B FAIRCHILD-1N5221B Datasheet
85Kb / 3P
Absolute Maximum Ratings
1N5226B FAIRCHILD-1N5226B Datasheet
23Kb / 3P
Absolute Maximum Ratings
logo
New Jersey Semi-Conduct...
2N3957 NJSEMI-2N3957 Datasheet
224Kb / 2P
ABSOLUTE MAXIMUM RATINGS
logo
Roithner LaserTechnik G...
RLT808_100MG ROITHNER-RLT808_100MG Datasheet
86Kb / 1P
ABSOLUTE MAXIMUM RATINGS
logo
SHENZHEN YONGERJIA INDU...
MA153 WINNERJOIN-MA153 Datasheet
59Kb / 1P
ABSOLUTE MAXIMUM RATINGS
logo
New Jersey Semi-Conduct...
IRFF220 NJSEMI-IRFF220 Datasheet
80Kb / 2P
Absolute Maximum Ratings
logo
Xilinx, Inc
DS312 XILINX-DS312 Datasheet
5Mb / 233P
Absolute Maximum Ratings
logo
Shindengen Electric Mfg...
K1V14 SHINDENGEN-K1V14_17 Datasheet
1Mb / 4P
Absolute Maximum Ratings
K1V36W SHINDENGEN-K1V36W_17 Datasheet
1Mb / 4P
Absolute Maximum Ratings
logo
New Jersey Semi-Conduct...
BD1 NJSEMI-BD1 Datasheet
46Kb / 1P
absolute maximum ratings
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com