Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WF10COM Datasheet(PDF) 1 Page - Timeguard

Part # WF10COM
Description  In-line Wi-Fi Smart Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

WF10COM Datasheet(HTML) 1 Page - Timeguard

  WF10COM Datasheet HTML 1Page - Timeguard WF10COM Datasheet HTML 2Page - Timeguard WF10COM Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
WLAN-Standard
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Setting Type
Program Modes
Switch Type
Mounting Hole Centres (mm)
Standby Consumption
WF10COM
In-line Wi-Fi Smart Switch
Features & Benefits
Wi-Fi smart in-line connector
Daily/weekly time function
Countdown or Boost function
Manual Override
TuyaSmart App controlled
Google Home compatible (Google Assistant)
Amazon Alexa compatible - Amazon Echo
Support
Supports multiple devices
Available for IOS and Android only
Technical Data
230V AC
50Hz
In-Line Connector
802.11 b/g/n 2.4GHz
Class II
-20°C to 40°C
IP20
WIFI
24 Hour, 7 Day, Permanent ON/OFF or Timed,
Countdown
Single Pole
81.5
<0.5W
Data sheet
WF10COM
Wi-Fi / Wi-Fi Switches
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
13/02/2025


Similar Part No. - WF10COM

ManufacturerPart #DatasheetDescription
logo
Timeguard
WF10COMIP TIMEGUARD-WF10COMIP Datasheet
560Kb / 3P
Wi-Fi 10A Smart Switch IP55
13/02/2025
More results

Similar Description - WF10COM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF121 ETC2-WF121 Datasheet
1Mb / 41P
Wi-Fi MODULE
logo
TP-Link Technologies Co...
AC1900 TP-LINK-AC1900 Datasheet
2Mb / 8P
Smart Wi-Fi Router
HS107 TP-LINK-HS107 Datasheet
1Mb / 5P
Kasa Smart Wi-Fi Plug 2-Outlets
HS300 TP-LINK-HS300 Datasheet
2Mb / 5P
Kasa Smart Wi-Fi Power Strip, 6-Outlets
logo
Quectel Wireless Soluti...
SC20 QUECTEL-SC20 Datasheet
485Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
SC600Y QUECTEL-SC600Y Datasheet
529Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
SC600T QUECTEL-SC600T Datasheet
534Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
SC200R QUECTEL-SC200R Datasheet
600Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
SC20 QUECTEL-SC20_V01 Datasheet
650Kb / 3P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
logo
Qorvo, Inc
RFSW8008 QORVO-RFSW8008 Datasheet
380Kb / 7P
Wi-Fi SPDT Switch 300MHz to 5925MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com