Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WFADAPM Datasheet(PDF) 1 Page - Timeguard

Part # WFADAPM
Description  Wi-Fi Smart Plug In Timer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

WFADAPM Datasheet(HTML) 1 Page - Timeguard

  WFADAPM Datasheet HTML 1Page - Timeguard WFADAPM Datasheet HTML 2Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Operating Voltage
Frequency
Installation Type
WLAN-Standard
Earth Class Rating
Operating Temperature
Setting Type
Program Modes
Standby Consumption
Switch Rating
Shortest Switching Time
WFADAPM
Wi-Fi Smart Plug In Timer
Features & Benefits
App Available for Android and IOS only.
Can be controlled from any mobile device that
supports a Wi-Fi connection or a mobile data
connection
Supports multiple devices.
Programs: 24 Hour or 7 Day options.
Manual Override: Yes
Countdown Function: Yes
Google Assistant and Amazon Echo Support
Supports product grouping (multiple devices
working as a single unit) i.e. all switches ON/OFF
as a single command etc;
Technical Data
230V AC
50Hz
Plug-in
802.11 b/g/n 2.4GHz
Class I
-10°C to 45°C
WIFI
24 Hour, 7 Day, Permanent ON/OFF or Timed,
Countdown
<1W
13A Resistive
1 Minute
Data sheet
WFADAPM
Wi-Fi / Wi-Fi Sockets
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
13/02/2025


Similar Part No. - WFADAPM

ManufacturerPart #DatasheetDescription
logo
Timeguard
WFAD3 TIMEGUARD-WFAD3 Datasheet
307Kb / 3P
WiFi 3 Way Smart Socket Adapter with USB Port
13/02/2025
More results

Similar Description - WFADAPM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF121 ETC2-WF121 Datasheet
1Mb / 41P
Wi-Fi MODULE
WF121-E ETC2-WF121-E Datasheet
457Kb / 7P
Wi-Fi Module
logo
TP-Link Technologies Co...
AC1900 TP-LINK-AC1900 Datasheet
2Mb / 8P
Smart Wi-Fi Router
HS107 TP-LINK-HS107 Datasheet
1Mb / 5P
Kasa Smart Wi-Fi Plug 2-Outlets
HS300 TP-LINK-HS300 Datasheet
2Mb / 5P
Kasa Smart Wi-Fi Power Strip, 6-Outlets
logo
Quectel Wireless Soluti...
SC20 QUECTEL-SC20 Datasheet
485Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
SC600Y QUECTEL-SC600Y Datasheet
529Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
SC600T QUECTEL-SC600T Datasheet
534Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
SC200R QUECTEL-SC200R Datasheet
600Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
SC20 QUECTEL-SC20_V01 Datasheet
650Kb / 3P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com