Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCPS260-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TCPS260-DOC
Description  3U CompactPCI Serial PMC Module Carrier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TCPS260-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TCPS260-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TCPS260-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2020-07-20
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
TCPS260 3U CompactPCI Serial PMC Module Carrier
Application Information
The TCPS260 is a PICMG CPCI-S.0 R2.0 compatible 3U
module that provides one slot for a single-width PMC
module used to build modular, flexible and cost effective
I/O solutions for all kinds of applications like process
control, medical systems, telecommunication and traffic
control.
The TCPS260 is a versatile solution to upgrade well
known PMC I/O solutions to the CompactPCI Serial
standard.
The bridging between the system host board and the PMC
slot is handled by a transparent PCIe-to-PCI Bridge. The
Bridge provides an x1, Rev. 2.0 PCIe link with 2.5 Gbps
signaling rate.
On the PMC side, PCI signaling voltages of 3.3V and 5V
are supported; 3.3V signaling is default. 32-bit PCI
accesses are possible with 33MHz or 66MHz. The
TCPS260 supports PMC front-panel I/O.
Technical Information
 Form Factor: 3U CPCI-S.0 R2.0
 Board size: 160 mm x 100 mm
 One PMC site conforming to IEEE 1386.1
 PCI Interface: 33/66 MHz, 32-Bit
 PCI I/O Signaling Voltage: 3.3V or 5V (3.3V
factory default)
 PMC Front Panel I/O
 XIO2001 PCIe-to-PCI Bridge
 PCI Express x1, Revision 2.0
 2.5 Gbps signaling rate
 Operating temperature -40°C to +85°C
 MTBF (MIL-HDBK217F/FN2 GB 20°C)
TCPS260-10R: 672000 h


Similar Part No. - TCPS260-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TCPS275 TEWS-TCPS275 Datasheet
204Kb / 2P
3U CompactPCI Serial XMC Module Carrier
2020-07-20
TCPS275-10R TEWS-TCPS275-10R Datasheet
204Kb / 2P
3U CompactPCI Serial XMC Module Carrier
2020-07-20
TCPS275-DOC TEWS-TCPS275-DOC Datasheet
204Kb / 2P
3U CompactPCI Serial XMC Module Carrier
2020-07-20
More results

Similar Description - TCPS260-DOC

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-3953 ADVANTECH-MIC-3953_14 Datasheet
392Kb / 1P
3U CompactPCI짰 Single PMC Slot Carrier Board
logo
HITRON ELECTRONICS CORP...
HAC300S-D120E HITRON-HAC300S-D120E Datasheet
341Kb / 4P
3U x 8HP CompactPCI Serial
logo
Adlink Technology Inc.
CPCI-3510 ADLINK-CPCI-3510 Datasheet
712Kb / 4P
3U CompactPCI
CPCI-3511 ADLINK-CPCI-3511 Datasheet
842Kb / 2P
3U CompactPCI
CPCIS-2630 ADLINK-CPCIS-2630 Datasheet
252Kb / 2P
3U CompactPCI Subsystem
logo
Advantech Co., Ltd.
MIC-300 ADVANTECH-MIC-300 Datasheet
912Kb / 3P
3U Height CompactPCI® Serial Enclosure for 3U Cards
15-Jul-2022
MIC-3810 ADVANTECH-MIC-3810 Datasheet
518Kb / 1P
3U CompactPCI® Serial PCIe Carrier Board
13-Dec-2021
MIC-3811 ADVANTECH-MIC-3811 Datasheet
545Kb / 2P
3U CompactPCI® Serial Dual Mini PCIe Carrier Board
13-Dec-2021
MIC-3820 ADVANTECH-MIC-3820 Datasheet
349Kb / 1P
3U CompactPCI® Serial SATA Carrier Board
15-Jul-2022
MIC-3954 ADVANTECH-MIC-3954 Datasheet
859Kb / 2P
3U CompactPCI® Quad Mini PCIe & M.2 Carrier Board
3-Feb-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com