Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCPS892-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TCPS892-DOC
Description  Four Channel 10/100/1000 Mbit/s Ethernet
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TCPS892-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TCPS892-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TCPS892-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
17.11.2021
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
TCPS892 Four Channel 10/100/1000 Mbit/s Ethernet
TCPS892-10R
Application Information
The TCPS892 is a PICMG CPCI-S.0 R2.0 compatible 3U
module providing a four channel Ethernet 10Base-T /
100Base-TX / 1000Base-T interface.
The Intel I350 provides integrated PHYs that support 10,
100 and 1000 Mbit/s transmission rates and is equipped
with a 1 Mbit Serial Flash to support PXE and iSCSI boot.
The four Ethernet interfaces of the TCPS892 are capable
of performing an auto negotiation algorithm which allows
both link-partners to determine the best link-parameters.
The TCPS892 supports IEEE 1588/802.1AS Precision
Time Protocol (PTP).
The controller is equipped with a 128 Kbit EEPROM
storing configuration data. LEDs in the front panel indicate
the different network activities.
All ports are galvanically isolated from the Ethernet
controllers and are routed to the P3 rear I/O connector.
An accompanying CompactPCI Serial 3U Rear Board
TCPS007-TM with reconstruction filters and four RJ45
connectors is available.
Software support:
o
Software support for Intel™ I350 at www.intel.com
o
For operating systems not supported by Intel™,
please contact TEWS.
Technical Information
Form Factor: 3U CPCI-S.0 R2.0
Board size: 160 mm x 100 mm
x4 PCI Express (Base Specification 2.1) compliant
interface conforming to ANSI/VITA 42.3
Quad Port Intel™ I350-AM4 Gigabit Ethernet
controller
10Base-T / 100Base-TX / 1000Base-T
Half or full-duplex operation
1 Mbit serial flash memory for Boot ROM
128 Kbit EEPROM storing configuration data
3U Rear Board with 4x RJ45 available
Operating temperature -40°C to +85°C
MTBF (MIL-HDBK217F/FN2 GB 20°C)
TCPS892-10R: 539000 h


Similar Part No. - TCPS892-DOC

ManufacturerPart #DatasheetDescription
logo
Weller Tools
TCPS WELLER-TCPS Datasheet
123Kb / 1P
PT CC7 Soldering Tip Round Sloped 370°C, Ø 3,2 mm for TCPS, TCP 12, TCP 24, TCP 42 and FE 50M Width A 3,2 mm
TCPS WELLER-TCPS Datasheet
95Kb / 1P
Soldering Tips and Nozzles
TCPS WELLER-TCPS Datasheet
68Kb / 1P
Temperature control switch
logo
TEWS Technologies GmbH
TCPS007-TM TEWS-TCPS007-TM Datasheet
120Kb / 2P
Rear I/O Module for Quad 10/100/1000 Ethernet CPCI-S.0 Modules
21.09.2021
TCPS007-TM-10R TEWS-TCPS007-TM-10R Datasheet
120Kb / 2P
Rear I/O Module for Quad 10/100/1000 Ethernet CPCI-S.0 Modules
21.09.2021
More results

Similar Description - TCPS892-DOC

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM3351 PMC-PM3351 Datasheet
32Kb / 2P
Single-Port 10/100 Mbit/s Ethernet Switch
logo
List of Unclassifed Man...
942132003 ETC2-942132003 Datasheet
95Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
942132014 ETC2-942132014 Datasheet
97Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
942132015 ETC2-942132015 Datasheet
98Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
942141019 ETC2-942141019 Datasheet
104Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
942141020 ETC2-942141020 Datasheet
105Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
942141033 ETC2-942141033 Datasheet
104Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
942141034 ETC2-942141034 Datasheet
105Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
logo
PMC-Sierra, Inc
PM3351-1 PMC-PM3351-1 Datasheet
44Kb / 2P
Single-Port 10/100 Mbit/s Ethernet Switch
logo
Schneider Electric
170ENT11001 SCHNEIDER-170ENT11001 Datasheet
126Kb / 2P
Modicon Momentum - Ethernet communication adaptor - 10/100 Mbit/s
Apr 12, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com